Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 67 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 63Page - Texas Instruments CC113LRGP Datasheet HTML 64Page - Texas Instruments CC113LRGP Datasheet HTML 65Page - Texas Instruments CC113LRGP Datasheet HTML 66Page - Texas Instruments CC113LRGP Datasheet HTML 67Page - Texas Instruments CC113LRGP Datasheet HTML 68Page - Texas Instruments CC113LRGP Datasheet HTML 69Page - Texas Instruments CC113LRGP Datasheet HTML 70Page - Texas Instruments CC113LRGP Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
Table 5-67. 0x35 (0xF5): MARCSTATE - Main Radio Control State Machine State
Bit
Field Name
Reset
R/W
Description
7:5
R0
Not used
Main Radio Control FSM State
Value
State name
State (see Figure 5-11)
0 (0x00)
SLEEP
SLEEP
1 (0x01)
IDLE
IDLE
2 (0x02)
XOFF
XOFF
3 (0x03)
VCOON_MC
MANCAL
4 (0x04)
REGON_MC
MANCAL
5 (0x05)
MANCAL
MANCAL
6 (0x06)
VCOON
FS_WAKEUP
7 (0x07)
REGON
FS_WAKEUP
8 (0x08)
STARTCAL
CALIBRATE
9 (0x09)
BWBOOST
SETTLING
10 (0x0A)
FS_LOCK
SETTLING
4:0
MARC_STATE[4:0]
R
11 (0x0B)
IFADCON
SETTLING
12 (0x0C)
ENDCAL
CALIBRATE
13 (0x0D)
RX
RX
14 (0x0E)
RX_END
RX
15 (0x0F)
RX_RST
RX
16 (0x10)
Reserved
RXFIFO_OVERFL
17 (0x11)
RXFIFO_OVERFLOW
OW
18 (0x12)
Reserved
...
22 (0x16)
Note: it is not possible to read back the SLEEP or XOFF state
numbers because setting CSn low will make the chip enter the IDLE
mode from the SLEEP or XOFF states.
Table 5-68. 0x38 (0xF8): PKTSTATUS - Current GDOx Status and Packet Status
Bit
Field Name
Reset
R/W
Description
The last CRC comparison matched. Cleared when entering/restarting
7
CRC_OK
R
RX mode.
6
CS
R
Carrier sense. Cleared when entering IDLE mode.
5
R
Reserved
4
R
Reserved
Start of Frame Delimiter. This bit is asserted when sync word has
been received and deasserted at the end of the packet. It will also
3
SFD
R
de-assert when a packet is discarded due to address or maximum
length filtering or the radio enters RXFIFO_OVERFLOW state.
Current GDO2 value. Note: the reading gives the non-inverted value
irrespective of what IOCFG2.GDO2_INV is programmed to.
2
GDO2
R
It is not recommended to check for PLL lock by reading
PKTSTATUS[2] with GDO2_CFG=0x0A.
1
R0
Not used
Current GDO0 value. Note: the reading gives the non-inverted value
irrespective of what IOCFG0.GDO0_INV is programmed to.
0
GDO0
R
It is not recommended to check for PLL lock by reading
PKTSTATUS[0] with GDO0_CFG=0x0A.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
67
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com