Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 73 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 69Page - Texas Instruments CC113LRGP Datasheet HTML 70Page - Texas Instruments CC113LRGP Datasheet HTML 71Page - Texas Instruments CC113LRGP Datasheet HTML 72Page - Texas Instruments CC113LRGP Datasheet HTML 73Page - Texas Instruments CC113LRGP Datasheet HTML 74Page - Texas Instruments CC113LRGP Datasheet HTML 75Page - Texas Instruments CC113LRGP Datasheet HTML 76Page - Texas Instruments CC113LRGP Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
L
parasitic
81
101
1
C
C
1
1
C
C
=
+
+
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
6.3
Crystal
A crystal in the frequency range 26 - 27 MHz must be connected between the XOSC_Q1 and XOSC_Q2
pins. The oscillator is designed for parallel mode operation of the crystal. In addition, loading capacitors
(C81 and C101) for the crystal are required. The loading capacitor values depend on the total load
capacitance, CL, specified for the crystal. The total load capacitance seen between the crystal terminals
should equal CL for the crystal to oscillate at the specified frequency.
(9)
The parasitic capacitance is constituted by pin input capacitance and PCB stray capacitance. Total
parasitic capacitance is typically 2.5 pF.
The crystal oscillator is amplitude regulated. This means that a high current is used to start up the
oscillations. When the amplitude builds up, the current is reduced to what is necessary to maintain
approximately 0.4 Vpp signal swing. This ensures a fast start-up, and keeps the drive level to a minimum.
The ESR of the crystal should be within the specification in order to ensure a reliable start-up (see
Section 4.7).
The initial tolerance, temperature drift, aging and load pulling should be carefully specified in order to meet
the required frequency accuracy in a certain application.
Avoid routing digital signals with sharp edges close to XOSC_Q1 PCB track or underneath the crystal Q1
pad as this may shift the crystal dc operating point and result in duty cycle variation.
6.4
Reference Signal
The chip can alternatively be operated with a reference signal from 26 to 27 MHz instead of a crystal. This
input clock can either be a full-swing digital signal (0 V to VDD) or a sine wave of maximum 1 V peak-
peak amplitude. The reference signal must be connected to the XOSC_Q1 input. The sine wave must be
connected to XOSC_Q1 using a serial capacitor. When using a full-swing digital signal, this capacitor can
be omitted. The XOSC_Q2 line must be left un-connected. C81 and C101 can be omitted when using a
reference signal.
6.5
Power Supply Decoupling
The power supply must be properly decoupled close to the supply pins. Note that decoupling capacitors
are not shown in the application circuit. The placement and the size of the decoupling capacitors are very
important to achieve the optimum performance. The CC113LEM reference designs SWRR081 and
SWRR082 should be followed closely.
6.6
PCB Layout Recommendations
The top layer should be used for signal routing, and the open areas should be filled with metallization
connected to ground using several vias.
The area under the chip is used for grounding and shall be connected to the bottom ground plane with
several vias for good thermal performance and sufficiently low inductance to ground.
In the CC113LEM reference designs, SWRR081 and SWRR082, 5 vias are placed inside the exposed die
attached pad. These vias should be “tented” (covered with solder mask) on the component side of the
PCB to avoid migration of solder through the vias during the solder reflow process.
The solder paste coverage should not be 100%. If it is, out gassing may occur during the reflow process,
which may cause defects (splattering, solder balling). Using “tented” vias reduces the solder paste
coverage below 100%. See Figure 6-4 for top solder resist and top paste masks.
Copyright © 2011–2014, Texas Instruments Incorporated
Applications, Implementation, and Layout
73
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com