Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 31 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 27Page - Texas Instruments CC113LRGP Datasheet HTML 28Page - Texas Instruments CC113LRGP Datasheet HTML 29Page - Texas Instruments CC113LRGP Datasheet HTML 30Page - Texas Instruments CC113LRGP Datasheet HTML 31Page - Texas Instruments CC113LRGP Datasheet HTML 32Page - Texas Instruments CC113LRGP Datasheet HTML 33Page - Texas Instruments CC113LRGP Datasheet HTML 34Page - Texas Instruments CC113LRGP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
+1
+1/3
-1/3
-1
1
0
1
0
1
0
1
0
1
1
0
1
0
0
1
1
00 01 01 11 10 00 11 01
Preamble
0xAA
Sync
0xD3
Data
0x17 0x8D
1/Baud Rate
1/Baud Rate
1/Baud Rate
DEVIATION _ E
XOSC
dev
17
ƒ
ƒ
(8 DEVIATION _ M) 2
2
=
×
+
×
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.11 Modulation Formats
CC113L supports amplitude, frequency, and phase shift modulation formats. The desired modulation
format is set in the MDMCFG2.MOD_FORMAT register.
Optionally, if the data has been Manchester coded on the transmitter side it can be decoded by the
demodulator. This option is enabled by setting MDMCFG2.MANCHESTER_EN=1.
NOTE
Manchester encoding is not supported at the same time as using 4-FSK modulation.
5.11.1 Frequency Shift Keying
CC113L supports 2-(G)FSK and 4-FSK modulation. When selecting 4-FSK, the preamble and sync word
to be received needs to be 2-FSK (see Figure 5-8).
When 2-FSK/GFSK/4-FSK modulation is used, the DEVIATN register specifies the expected frequency
deviation of incoming signals in RX and should be the same as the deviation of the transmitted signal for
demodulation to be performed reliably and robustly.
The frequency deviation is programmed with the DEVIATION_M and DEVIATION_E values in the
DEVIATN register. The value has an exponent/mantissa form, and the resultant deviation is given by:
(5)
The symbol encoding is shown in Table 5-7.
Table 5-7. Symbol Encoding for 2-FSK/GFSK and 4-FSK Modulation
Format
Symbol
Coding
0
– Deviation
2-FSK/GFSK
1
+ Deviation
01
– Deviation
00
– 1/3×Deviation
4-FSK
10
+ 1/3×Deviation
11
+ Deviation
Figure 5-8. Data Sent Over the Air ( MDMCFG2.MOD_FORMAT=100)
5.11.2 Amplitude Modulation
The amplitude modulation supported by CC113L is On-Off Keying (OOK).
OOK modulation simply turns the PA on or off to modulate ones and zeros respectively.
When using OOK, the AGC settings from the SmartRF Studio SWRC176 preferred FSK settings are not
optimum. DN022 SWRA215 gives guidelines on how to find optimum OOK settings from the preferred
settings in SmartRF Studio SWRC176. The DEVIATN register setting has no effect when using OOK.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
31
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com