Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 44 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 40Page - Texas Instruments CC113LRGP Datasheet HTML 41Page - Texas Instruments CC113LRGP Datasheet HTML 42Page - Texas Instruments CC113LRGP Datasheet HTML 43Page - Texas Instruments CC113LRGP Datasheet HTML 44Page - Texas Instruments CC113LRGP Datasheet HTML 45Page - Texas Instruments CC113LRGP Datasheet HTML 46Page - Texas Instruments CC113LRGP Datasheet HTML 47Page - Texas Instruments CC113LRGP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.16 VCO
The VCO is completely integrated on-chip.
5.16.1 VCO and PLL Self-Calibration
The VCO characteristics vary with temperature and supply voltage changes as well as the desired
operating frequency. In order to ensure reliable operation, CC113L includes frequency synthesizer self-
calibration circuitry. This calibration should be done regularly, and must be performed after turning on
power and before using a new frequency (or channel). The number of XOSC cycles for completing the
PLL calibration is given in Table 5-12.
The calibration can be initiated automatically or manually. The synthesizer can be automatically calibrated
each time the synthesizer is turned on, or each time the synthesizer is turned off automatically. This is
configured with the MCSM0.FS_AUTOCAL register setting. In manual mode, the calibration is initiated
when the SCAL command strobe is activated in the IDLE mode.
NOTE
The calibration values are maintained in SLEEP mode, so the calibration is still valid after
waking up from SLEEP mode unless supply voltage or temperature has changed
significantly.
To check that the PLL is in lock, the user can program register IOCFGx.GDOx_CFG to 0x0A, and use the
lock detector output available on the GDOx pin as an interrupt for the MCU (x = 0,1, or 2). A positive
transition on the GDOx pin means that the PLL is in lock. As an alternative the user can read register
FSCAL1. The PLL is in lock if the register content is different from 0x3F. Refer also to the CC113L Errata
Notes SWRZ038.
For more robust operation, the source code could include a check so that the PLL is re-calibrated until
PLL lock is achieved if the PLL does not lock the first time.
5.17 Voltage Regulators
CC113L contains several on-chip linear voltage regulators that generate the supply voltages needed by
low-voltage modules. These voltage regulators are invisible to the user, and can be viewed as integral
parts of the various modules. The user must however make sure that the absolute maximum ratings and
required pin voltages in Table 3-1 and Table 5-1 are not exceeded.
By setting the CSn pin low, the voltage regulator to the digital core turns on and the crystal oscillator
starts. The SO pin on the SPI interface must go low before the first positive edge of SCLK (setup time is
given in Table 5-1).
If the chip is programmed to enter power-down mode (SPWD strobe issued), the power will be turned off
after CSn goes high. The power and crystal oscillator will be turned on again when CSn goes low.
The voltage regulator for the digital core requires one external decoupling capacitor.
The voltage regulator output should only be used for driving the CC113L.
44
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com