Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 34 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 34 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 30Page - Numonyx B.V SMC032BF Datasheet HTML 31Page - Numonyx B.V SMC032BF Datasheet HTML 32Page - Numonyx B.V SMC032BF Datasheet HTML 33Page - Numonyx B.V SMC032BF Datasheet HTML 34Page - Numonyx B.V SMC032BF Datasheet HTML 35Page - Numonyx B.V SMC032BF Datasheet HTML 36Page - Numonyx B.V SMC032BF Datasheet HTML 37Page - Numonyx B.V SMC032BF Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
Card Configuration
SMCxxxBF
34/91
6.1
Configuration Option Register (200h in Attribute Memory)
The Configuration Option Register is used to configure the Card’s interface, address
decoding and interrupt to the Card (see Table 26).
6.1.1
SRESET
Setting the SRESET bit to ‘1’ and returning the bit ‘0’ places the CompactFlash Storage
Card in the Reset state. Setting this bit to ‘1’ is equivalent to asserting the RESET signal
except that the SRESET bit is not cleared. Returning the SRESET bit to ‘0’ leaves the
CompactFlash Storage Card in the same un-configured Reset state as after a power-up and
hardware reset.
This bit is set to ‘0’ at power-up and taking the Card through a hardware reset.
6.1.2
LevlREQ
This bit is set to one (1) when Level Mode Interrupt is selected, and zero (0) when Pulse
Mode is selected. Set to zero (0) after Power Up.
6.1.3
Conf5 - Conf0 (Configuration Index)
These bits are used to select the operation mode of the Card as shown in Table 27. This bit
is set to ‘0’ after Power Up.
Table 25.
CompactFlash Memory Card Configuration Registers Decoding
–CE2 –CE1 –REG –OE –WE
A10
A9
A8-
A4
A3 A2 A1 A0
Selected Register
X
0
0
0
1
0
1
00
0
0
0
0
Configuration Option Register Read
X
0
0
1
0
0
1
00
0
0
0
0
Configuration Option Register Write
X
0
0
0
1
0
1
00
0
0
1
0
Card Status Register Read
X
0
0
1
0
0
1
00
0
0
1
0
Card Status Register Write
X
0
0
0
1
0
1
00
0
1
0
0
Pin Replacement Register Read
X
0
0
1
0
0
1
00
0
1
0
0
Pin Replacement Register Write
X
0
0
0
1
0
1
00
0
1
1
0
Socket and Copy Register Read
X
0
0
1
0
0
1
00
0
1
1
0
Socket and Copy Register Write
Table 26.
Configuration Option Register (default value: 00h)
Operation
D7
D6
D5D4D3D2D1
D0
R/W
SRESET
LevlREQ
Conf5
Conf4
Conf3
Conf2
Conf1
Conf0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com