Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 74 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 74 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 70Page - Numonyx B.V SMC032BF Datasheet HTML 71Page - Numonyx B.V SMC032BF Datasheet HTML 72Page - Numonyx B.V SMC032BF Datasheet HTML 73Page - Numonyx B.V SMC032BF Datasheet HTML 74Page - Numonyx B.V SMC032BF Datasheet HTML 75Page - Numonyx B.V SMC032BF Datasheet HTML 76Page - Numonyx B.V SMC032BF Datasheet HTML 77Page - Numonyx B.V SMC032BF Datasheet HTML 78Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
CF-ATA command description
SMCxxxBF
74/91
10.18
Set Multiple Mode (C6h)
This command enables the Card to perform Read and Write Multiple operations and
establishes the block count for these commands. The Sector Count Register is loaded with
the number of sectors per block. Upon receipt of the command, the Card sets BSY and
checks the Sector Count Register.
If the Sector Count Register contains a valid value and the block count is supported, the
value is loaded for all subsequent Read Multiple and Write Multiple commands and
execution is enabled. If a block count is not supported, an Aborted Command error is
posted, and Read Multiple and Write Multiple commands are disabled. If the Sector Count
Register contains ‘0’ when the command is issued, Read and Write Multiple commands are
disabled. At power on the default mode is Read and Write Multiple disabled, unless it is
disabled by a Set Feature command. Table 71 defines the Set Multiple Mode command Byte
sequence.
10.19
Set Sleep Mode (99h or E6h)
This command causes the CompactFlash Memory Card to set BSY, enter the Sleep mode,
clear BSY and generate an interrupt. Recovery from sleep mode is accomplished by simply
issuing another command. Sleep mode is also entered when internal timers expire so the
host does not need to issue this command except when it wishes to enter Sleep mode
immediately. The default value for the timer is 5 milliseconds. Note that this time base (5ms)
is different from the ATA Specification. Table 72 defines the Set Sleep Mode command Byte
sequence.
Table 71.
Set Multiple Mode
Bit
7
6
5
432
1
0
Command (7)
C6h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com