Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 54 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 54 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 50Page - Numonyx B.V SMC032BF Datasheet HTML 51Page - Numonyx B.V SMC032BF Datasheet HTML 52Page - Numonyx B.V SMC032BF Datasheet HTML 53Page - Numonyx B.V SMC032BF Datasheet HTML 54Page - Numonyx B.V SMC032BF Datasheet HTML 55Page - Numonyx B.V SMC032BF Datasheet HTML 56Page - Numonyx B.V SMC032BF Datasheet HTML 57Page - Numonyx B.V SMC032BF Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
CF-ATA registers
SMCxxxBF
54/91
9.11
Card (Drive) Address Register
The Card (Drived) Address register is located at address 3F7h [377h], offset Fh.
This read-only register is provided for compatibility with the AT disk drive interface and can
be used for confirming the drive status. It is recommended that this register is not mapped
into the host’s I/O space because of potential conflicts on Bit 7. The bits are defined as
follows:
9.11.1
Bit 7
This bit is don’t care.
9.11.2
Bit 6 (–WTG)
This bit is ‘0’ when a write operation is in progress, otherwise, it is ‘1’.
9.11.3
Bit 5 (–HS3)
This bit is the negation of bit 3 in the Drive/Head register.
9.11.4
Bit 4 (–HS2)
This bit is the negation of bit 2 in the Drive/Head register.
9.11.5
Bit 3 (–HS1)
This bit is the negation of bit 1 in the Drive/Head register.
9.11.6
Bit 2 (–HS0)
This bit is the negation of bit 0 in the Drive/Head register.
9.11.7
Bit 1 (–nDS1)
This bit is ‘0’ when drive 1 is active and selected.
9.11.8
Bit 0 (–nDS0)
This bit is ‘0’ when the drive 0 is active and selected.
Table 47.
Card (Drive) Address Register
D7
D6
D5
D4
D3
D2
D1
D0
X
–WTG
–HS3
–HS2
–HS1
–HS0
–nDS1
–nDS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com