Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 12 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 12 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 8Page - Numonyx B.V SMC032BF Datasheet HTML 9Page - Numonyx B.V SMC032BF Datasheet HTML 10Page - Numonyx B.V SMC032BF Datasheet HTML 11Page - Numonyx B.V SMC032BF Datasheet HTML 12Page - Numonyx B.V SMC032BF Datasheet HTML 13Page - Numonyx B.V SMC032BF Datasheet HTML 14Page - Numonyx B.V SMC032BF Datasheet HTML 15Page - Numonyx B.V SMC032BF Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
Summary description
SMCxxxBF
12/91
Table 2.
System Performance
System Performance
Max.
Unit
Sleep to write
0.07
ms
Sleep to read
0.26
ms
Power up to Ready
150
ms
Data transfer Rate (burst)
23.8 (162X)(1)
1.
162X, 130X and 85X, speed grade markings where 1X = 150 KBytes/s. All values are measured for an
ambient temperature of 25°C. They refer to the 1GByte CompactFlash Card in PIO mode 6, cycle time
80ns, File size = 20 MB sequential; sector count = 256.
MB/s
Sustained Read
19 (130X)(1)
MB/s
Sustained Write
12.5(85X)(1)
MB/s
Command to DRQ
Read
180
µs
Write
85
Table 3.
Current Consumption(1)
1.
All values are typical at 25° C and nominal supply voltage and refer to 1GByte CompactFlash Card,
operating in PIO mode.
Current Consumption (typ)
3.3V
5V
Unit
Read
29
50
mA
Write
65
76
mA
Standby
0.9
1.8
mA
Sleep Mode
0.9
1.8
mA
Table 4.
Environmental Specifications
Environmental Specifications
Operating
Non-Operating
Temperature
–40 to 85°C
–50 to 100°C
Humidity (non-condensing)
N/A
85% RH, at 85°C
Salt Water Spray
N/A
3% NaCl at 35°C(1)
1.
MIL STD METHOD 1009
Vibration (peak -to-peak)
N/A
30Gmax.
Shock
N/A
3,000Gmax.
Table 5.
Physical Dimensions
Physical Dimensions
Unit
Width
42.8
mm
Height
36.4
mm
Thickness
3.3
mm
Weight (typ.)
10
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com