Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 60 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 60 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 56Page - Numonyx B.V SMC032BF Datasheet HTML 57Page - Numonyx B.V SMC032BF Datasheet HTML 58Page - Numonyx B.V SMC032BF Datasheet HTML 59Page - Numonyx B.V SMC032BF Datasheet HTML 60Page - Numonyx B.V SMC032BF Datasheet HTML 61Page - Numonyx B.V SMC032BF Datasheet HTML 62Page - Numonyx B.V SMC032BF Datasheet HTML 63Page - Numonyx B.V SMC032BF Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
CF-ATA command description
SMCxxxBF
60/91
10.4.14
Word 57-58: Current Capacity
This field contains the product of the current cylinders, heads and sectors.
10.4.15
Word 59: Multiple Sector Setting
●
Bits 15-9 are reserved and must be set to ‘0’.
●
Bit 8 is set to ‘1’, to indicate that the Multiple Sector Setting is valid.
●
Bits 7-0 are the current setting for the number of sectors to be transferred for every
interrupt, on Read/Write Multiple commands; the only values returned are ‘00h’ or
‘01h’.
10.4.16
Word 60-61: Total Sectors Addressable in LBA Mode
This field contains the number of sectors addressable for the Card in LBA mode only.
10.4.17
Word 63: Multi-Word DMA transfer
Bits 15 through 8 of Word 63 of the Identify Device parameter information identifies which
Multi-Word DMA mode that has been selected by host.Each bit of Word 0 is significant. Only
one of these bits can be set to ‘1’ by the CompactFlash Storage Card to indicate the Multi-
Word DMA mode which is currently selected:
●
Bits 15 to 11 are reserved.
●
Bit 10: when set to ‘1’, it indicates that Multi-Word DMA mode 1 has been selected.
●
Bit 9: when set to ‘1’, it indicates that Multi-Word DMA mode 1 has been selected.
●
Bit 8: when set to ‘1’, it indicates that Multi-Word DMA mode 0 has been selected.
Bits 7 to 0 define the Multi-Word DMA data transfer supported field. Any number of bits may
be set to one in this field by the CompactFlash Storage Card to indicate which Multi-Word
DMA mode is supported:
●
Bit 7 to 3 are reserved.
●
Bit 2: when set to ‘1’, it indicates that the CompactFlash Storage Card supports Multi-
Word DMA modes 2, 1 and 0.
●
Bit 1: when set to ‘1’, it indicates that the CompactFlash Storage Card supports Multi-
Word DMA modes 1 and 0.
●
Bit 0: when set to ‘1’, it indicates that the CompactFlash Storage Card supports Multi-
Word DMA mode 0.
Note:
1
Selection of Multi-Word DMA modes 3 and above are specific to CompactFlash, and are
reported in Word 163.
2
Support for Multi-Word DMA modes 3 and above are specific to CompactFlash are reported
in Word 163.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com