Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 89 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 89 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 83Page - Numonyx B.V SMC032BF Datasheet HTML 84Page - Numonyx B.V SMC032BF Datasheet HTML 85Page - Numonyx B.V SMC032BF Datasheet HTML 86Page - Numonyx B.V SMC032BF Datasheet HTML 87Page - Numonyx B.V SMC032BF Datasheet HTML 88Page - Numonyx B.V SMC032BF Datasheet HTML 89Page - Numonyx B.V SMC032BF Datasheet HTML 90Page - Numonyx B.V SMC032BF Datasheet HTML 91Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
SMCxxxBF
Part numbering
89/91
13
Part numbering
Note:
Other digits may be added to the ordering code for pre-programmed parts or other options.
Devices are shipped from the factory with the memory content bits erased to ’1’.For further
information on any aspect of the device, please contact your nearest Numonyx Sales Office.
Table 85.
Ordering Information Scheme
Example:
SMC
01G
B
F
Y
6
E
Memory Card Standard
SMC = Storage Medium, CompactFlash
Density
032 = 32 MBytes
064 = 64 MBytes
128 = 128 MBytes
256 = 256 MBytes
512 = 512 MBytes
01G = 1 GBytes
02G = 2 GBytes
04G = 4 GBytes
Options of the Standard
B = CF Type SM222
Memory Type
F = Flash Memory
Card Version
Y= Version depending on device technology
Temperature Range
6 = -40 to 85°C
Packing
Blank = Standard Packing (tray)
E = Lead-Free Package, Standard Packing (tray)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com