Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 38 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 38 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 34Page - Numonyx B.V SMC032BF Datasheet HTML 35Page - Numonyx B.V SMC032BF Datasheet HTML 36Page - Numonyx B.V SMC032BF Datasheet HTML 37Page - Numonyx B.V SMC032BF Datasheet HTML 38Page - Numonyx B.V SMC032BF Datasheet HTML 39Page - Numonyx B.V SMC032BF Datasheet HTML 40Page - Numonyx B.V SMC032BF Datasheet HTML 41Page - Numonyx B.V SMC032BF Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
Card Configuration
SMCxxxBF
38/91
6.5
Attribute Memory Function
Attribute memory is a space where identification and configuration information are stored.
Only 8 bit wide accesses at even addresses can be performed in this area. The Card
configuration registers are also located in the Attribute Memory area, at base address 200h.
Attribute memory is not accessible in True IDE mode of operation.
For the Attribute Memory Read function, signals –REG and –OE must be active and –WE
inactive during the cycle. As in the Main Memory Read functions, the signals –CE1 and –
CE2 control the even and odd Byte address, but only the even Byte data is valid during the
Attribute Memory access. Refer to Table 32 for signal states and bus validity.
Table 32.
Attribute Memory Function
Function Mode
–REG
–CE2
(1)
–CE1
(1)
A10
A9
A0
–OE
(1)
–WE
(1)
D15 to D8
D7 to D0
Standby
X
H
H
X
X
X
X
X
High-Z
High-Z
Read Byte Access CIS
(8 bits)
L
H
L
L
L
L
L
H
High-Z
Even Byte
Write Byte Access CIS
(8 bits) Invalid
L
H
L
L
L
L
H
L
Don’t Care Even Byte
Read Byte Access
Configuration
(8 bits)
L
H
L
L
H
L
L
H
High-Z
Even Byte
Write Byte Access
Configuration
(8 bits)
L
H
L
L
H
L
H
L
Don’t Care Even Byte
Read Word Access CIS
(16 bits)
L
L
L
L
L
X
L
H
Not Valid
Even Byte
Write Word Access CIS
(16 bits) Invalid
L
L
L
L
L
X
H
L
Don’t Care Even Byte
Read Word Access
Configuration (16 bits)
L
L
L
L
H
X
L
H
Not Valid
Even Byte
Write Word Access
Configuration (16 bits)
L
L
L
L
H
X
H
L
Don’t Care Even Byte
1.
The –CE signal or both the –OE signal and the –WE signal must be de-asserted between consecutive cycle operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com