Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 30 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 30 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 26Page - Numonyx B.V SMC032BF Datasheet HTML 27Page - Numonyx B.V SMC032BF Datasheet HTML 28Page - Numonyx B.V SMC032BF Datasheet HTML 29Page - Numonyx B.V SMC032BF Datasheet HTML 30Page - Numonyx B.V SMC032BF Datasheet HTML 31Page - Numonyx B.V SMC032BF Datasheet HTML 32Page - Numonyx B.V SMC032BF Datasheet HTML 33Page - Numonyx B.V SMC032BF Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
Command Interface
SMCxxxBF
30/91
5.4
True IDE mode
The timing waveforms for True IDE mode and True IDE DMA mode of operation in this
section are drawn using the conventions in the ATA-4 specification, which are different than
the conventions used in the PCMCIA specification and earlier versions of this specification.
Signals are shown with their asserted state as High regardless of whether the signal is
actually negative or positive true. Consequently, the -IORD, the -IOWR and the -IOCS16
signals are shown in the waveforms inverted from their electrical states on the bus.
Figure 8.
True IDE PIO mode Read/Write waveforms
1.
The device addresses consists of
−CS0, −CS1, and A2-A0.
2.
The Data I/O consist of D15-D0 (16-bit) or D7-D0 (8 bit).
3.
−IOCS16 is shown for PIO modes 0, 1 and 2. For other modes, this signal is ignored.
thCE(IOWR)
tIWHEH
CE Hold following IOWR
20
20
10
10
ns
tsuREG(IOWR) tRGLIWL
REG Setup before IOWR
5555
ns
thREG(IOWR)
tIWHRGH REG Hold following IOWR
0000
ns
tdfIOIS16(A)
tAVISL
IOIS16 Delay Falling from
Address
35
NA
(2)
NA
(2)
NA
(2)
tdrIOIS16(A)
tAVISH
IOIS16 Delay Rising from
Address
35
NA
(2)
NA
(2)
NA
(2)
1.
Numonyx CF does not assert the WAIT signal.
2.
-IOIS16 is not supported in this mode.
Table 21.
I/O Write timing(1) (continued)
Cycle Time Mode
250ns
120ns
100ns
80ns
Unit
Symbol
IEEE
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
A0-A2, -CS0, -CS1(1)
ADDRESS VALID
-
IORD/-IOWR
Write Data D0-D15(2)
Read Data D0-D15(2)
-
IOCS16(3)
ai10086b
t0
t1
t2
t9
t8
t2i
t3
t4
t7
t5
t6
t6z
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com