Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 28 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 28 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 24Page - Numonyx B.V SMC032BF Datasheet HTML 25Page - Numonyx B.V SMC032BF Datasheet HTML 26Page - Numonyx B.V SMC032BF Datasheet HTML 27Page - Numonyx B.V SMC032BF Datasheet HTML 28Page - Numonyx B.V SMC032BF Datasheet HTML 29Page - Numonyx B.V SMC032BF Datasheet HTML 30Page - Numonyx B.V SMC032BF Datasheet HTML 31Page - Numonyx B.V SMC032BF Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
Command Interface
SMCxxxBF
28/91
5.3
I/O Read and Write
Figure 6.
I/O Read waveforms
1.
DOUT signifies data provided by the CompactFlash Memory Card or to the system.
AI10084b
Address Inputs
D0 to D15
VALID
–REG
–CE2/–CE1
–IORD
tsuCE(IORD)
–INPACK
tsuA(IORD)
VALID
–IOIS16
tsuREG(IORD)
thA(IORD)
thREG(IORD)
tdfINPACK(IORD)
thCE(IORD)
tdrINPACK(IORD)
td(IORD)
tdrIOIS16(ADR)
tdfIOIS16(ADR)
th(IORD)
tw(IORD)
Table 20.
I/O Read timing(1)
Cycle Time Mode
250ns
120ns
100ns
80ns
Unit
Symbol
IEEE
Symbol
Parameter
Min Max Min Max Min Max Min Max
td(IORD)
tIGLQV
Data Delay after IORD
100
50
50
45
ns
th(IORD)
tIGHQX
Data Hold IORD
0555
ns
tw(IORD)
tIGLIGH
IORD Width Time
165
70
65
55
ns
tsuA(IORD)
tAVIGL
Address Setup before IORD
70
25
25
15
ns
thA(IORD)
tIGHAX
Address Hold following IORD
20
10
10
10
ns
tsuCE(IORD)
tELIGL
CE Setup before IORD
5555
ns
thCE(IORD)
tIGHEH
CE Hold following IORD
20
10
10
10
ns
tsuREG(IORD)
tRGLIGL REG Setup before IORD
5555
ns
thREG(IORD)
tIGHRGH REG Hold following IORD
0000
ns
tdfINPACK(IORD) tIGLIAL
INPACK Delay Falling from
IORD
045
0
NA
(2)
0
NA
(2)
0
NA
(2)
ns
tdrINPACK(IORD) tIGHIAH
INPACK Delay Rising from
IORD
45
NA
(2)
NA
(2)
NA
(2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com