Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 24 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 24 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 20Page - Numonyx B.V SMC032BF Datasheet HTML 21Page - Numonyx B.V SMC032BF Datasheet HTML 22Page - Numonyx B.V SMC032BF Datasheet HTML 23Page - Numonyx B.V SMC032BF Datasheet HTML 24Page - Numonyx B.V SMC032BF Datasheet HTML 25Page - Numonyx B.V SMC032BF Datasheet HTML 26Page - Numonyx B.V SMC032BF Datasheet HTML 27Page - Numonyx B.V SMC032BF Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
Command Interface
SMCxxxBF
24/91
5
Command Interface
There are two types of bus cycles and timing sequences that occur in the PCMCIA type
interface, direct mapped I/O transfer and memory access. Two types of bus cycles are also
available in True IDE interface type: PIO transfer and Multi-Word DMA transfer.
Table 16, Table 17, Table 18, Table 19, Table 20, Table 21 and Table 22 show the read and
write timing parameters. Figure 2, Figure 3, Figure 4, Figure 5, Figure 6, Figure and
Figure 8 show the read and write timing diagrams.
In order to set the card mode, the -OE (-ATASEL) signal must be set and kept stable before
applying VCC until the reset phase is completed. To place the card in Memory mode or I/O
mode, -OE(-ATASEL) must be driven High, while it must be driven Low to place the card in
True IDE mode.
5.1
Attribute Memory Read and Write
Figure 2.
Attribute Memory Read waveforms
1.
DOUT signifies data provided by the CompactFlash Memory Card to the system. The -CE signal or both the -OE signal and
the -WE signal must be de-asserted between consecutive cycle operations.
AI10080
tc(R)
ta(A)
tv(A)
ta(CE)
ten(OE)
VALID
Address Inputs
D0 to D15 (DOUT)
VALID
–REG
–CE2/–CE1
–OE
tsu(A)
ten(CE)
tdis(OE)
tdis(CE)
ta(OE)
Table 16.
Attribute Memory Read timing
Speed Version
300ns
Symbol
IEEE Symbol
Parameter
Min
Max
Unit
tc(R)
tAVAV
Read Cycle Time
300
ns
ta(A)
tAVQV
Address Access Time
300
ns
ta(CE)
tELQV
CE Access Time
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com