Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 32 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 32 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 28Page - Numonyx B.V SMC032BF Datasheet HTML 29Page - Numonyx B.V SMC032BF Datasheet HTML 30Page - Numonyx B.V SMC032BF Datasheet HTML 31Page - Numonyx B.V SMC032BF Datasheet HTML 32Page - Numonyx B.V SMC032BF Datasheet HTML 33Page - Numonyx B.V SMC032BF Datasheet HTML 34Page - Numonyx B.V SMC032BF Datasheet HTML 35Page - Numonyx B.V SMC032BF Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Command Interface
SMCxxxBF
32/91
Figure 9.
True IDE Multi-Word DMA Mode Read/Write waveforms
-
CS0, -CS1
-
IORD/-IOWR
Read Data D0-D15
Write Data D0-D15
ai13117
t0
tE
tM
VALID
-DMARQ
-DMACK
VALID
VALID
VALID
tN
tLW, tLR
tI
tD
tKW
tKR
tJ
tF
tZ
tG
tH
Table 23.
True IDE Multi-Word DMA Mode Read/Write timing
Symbol
Parameter
Mode 0
Mode 1
Mode 2
Mode 3
Mode 4
Unit
t0
(1)
Cycle time (min)
480
150
120
100
80
ns
tD
(1)
-IORD / -IOWR asserted width (min)
215
80
70
65
55
ns
tE
-IORD data access (max)
150
60
50
50
45
ns
tF
-IORD data hold (min)
5
5
5
5
5
ns
tG
-IORD/-IOWR data setup (min)
100
30
20
15
10
ns
tH
-IOWR data hold (min)
20
15
10
5
5
ns
tI
DMACK to –IORD/-IOWR setup (min)
0
0
0
0
0
ns
tJ
-IORD / -IOWR to -DMACK hold (min)
20
5
5
5
5
ns
tKR
(1)
-IORD Low width (min)
50
50
25
25
20
ns
tKW
(1)
-IOWR Low width (min)
215
50
25
25
20
ns
tLR
-IORD to DMARQ delay (max)
120
40
35
35
35
ns
tLW
-IOWR to DMARQ delay (max)
40
40
35
35
35
ns
tM
CS(1:0) valid to –IORD / -IOWR
50
30
25
10
5
ns
tN
CS(1:0) hold
15
10
10
10
10
ns
tZ
-DMACK
20
25
25
25
25
ns
1.
t0 is the minimum total cycle time. tD is the minimum command active time. tKR and tKW are the minimum command
recovery time or command inactive time for input and output cycles, respectively. The actual cycle time is the sum of the
actual command active time and the actual command inactive time. The timing requirements of t0, tD, tKR, and tKW must be
respected. t0 is higher than tD + tKR or tD + tKW, for input and output cycles respectively. This means the host can lengthen
either tD or tKR/tKW, or both, to ensure that t0 is equal to or higher than the value reported in the device’s identify device
data. A CompactFlash Storage Card implementation shall support any legal host implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com