Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 17 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 17 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 13Page - Numonyx B.V SMC032BF Datasheet HTML 14Page - Numonyx B.V SMC032BF Datasheet HTML 15Page - Numonyx B.V SMC032BF Datasheet HTML 16Page - Numonyx B.V SMC032BF Datasheet HTML 17Page - Numonyx B.V SMC032BF Datasheet HTML 18Page - Numonyx B.V SMC032BF Datasheet HTML 19Page - Numonyx B.V SMC032BF Datasheet HTML 20Page - Numonyx B.V SMC032BF Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
SMCxxxBF
Electrical interface
17/91
49
D10(3)
I/O
I1Z,OZ3
D10(3)
I/O
I1Z,OZ3
D10(3)
I/O
I1Z,OZ3
50
GND
Ground
GND
Ground
GND
Ground
1.
For True IDE Mode, pin 9 is grounded.
2.
The signal should be grounded by the host.
3.
These signals are required only for 16 bit accesses and not required when installed in 8 bit systems. Devices should allow
for 3-state signals not to consume current.
4.
The signal should be tied to VCC by the host.
5.
The -CSEL signal is ignored by the Card in PC Card modes. However, because it is not pulled up on the Card in these
modes it should not be left floating by the host in PC Card modes. In these modes, the pin is normally connected by the
host to PC Card A25 or grounded by the host.
6.
When the device does not operate in DMA mode, the signal should be held High or tied to VCC by the host. To ensure
proper operation with older hosts when DMA mode is disabled, the Card should ignore the –DMACK signal.
Table 8.
Pin Assignment and Pin Type (continued)
Pin
Num
PC Card Memory Mode
PC Card I/O Mode
True IDE Mode
Signal
Name
Pin
Type
In, Out
Type
Signal
Name
Pin
Type
In, Out
Type
Signal
Name
Pin
Type
In, Out
Type
Table 9.
Signal Description
Signal Name
Dir.
Pin
Description
A10 to A0
(PC Card Memory Mode)
I
8,10,11,12,
14,15,16,17,
18,19,20
Used (with –REG) to select: the I/O port address registers,
the memory mapped port address registers, a Byte in the
Card information structure and its configuration control and
status registers.
A10 to A0
(PC Card I/O Mode)
Same as PC Card Memory Mode
A2 to A0
(True IDE Mode)
Only A2 to A0 are used to select the one of eight registers in
the Task File, the remaining lines should be grounded.
BVD1
(PC Card Memory Mode)
I/O
46
The battery voltage status of the Card, as no battery is
required it is asserted High.
–STSCHG
(PC Card I/O Mode)
Alerts the host to changes in the READY and Write Protect
states. Its use is controlled by the Card Configuration and
Status Register.
–PDIAG
(True IDE Mode)
The Pass Diagnostic signal in the Master/Slave handshake
protocol.
BVD2
(PC Card Memory Mode)
I/O
45
The battery voltage status of the Card, as no battery is
required it is asserted High.
–SPKR
(PC Card I/O Mode)
The Binary Audio output from the Card. It is asserted High
as audio functions are not supported.
–DASP
(True IDE Mode)
This input/output is the Disk Active/Slave Present signal in
the Master/Slave handshake protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com