Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 77 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 77 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 73Page - Numonyx B.V SMC032BF Datasheet HTML 74Page - Numonyx B.V SMC032BF Datasheet HTML 75Page - Numonyx B.V SMC032BF Datasheet HTML 76Page - Numonyx B.V SMC032BF Datasheet HTML 77Page - Numonyx B.V SMC032BF Datasheet HTML 78Page - Numonyx B.V SMC032BF Datasheet HTML 79Page - Numonyx B.V SMC032BF Datasheet HTML 80Page - Numonyx B.V SMC032BF Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
SMCxxxBF
CF-ATA command description
77/91
10.23
Wear Level (F5h)
This command is effectively a NOP command and only implemented for backward
compatibility. The Sector Count Register will always be returned with a ‘00h’ indicating Wear
Level is not needed.
Table 77 defines the Wear Level command Byte sequence.
10.24
Write Buffer (E8h)
The Write Buffer command enables the host to overwrite contents of the Card’s sector buffer
with any data pattern desired. This command has the same protocol as the Write Sector(s)
command and transfers 512 Bytes.
Table 78 defines the Write Buffer command Byte sequence.
Table 77.
Wear level
Bit
7
6
5
4
3
2
1
0
Command (7)
F5h
C/D/H (6)
X
Drive
Flag
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Completion Status
Feature (1)
X
Table 78.
Write Buffer
Bit
7
6
543
2
1
0
Command (7)
E8h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com