Electronic Components Datasheet Search
  English  ▼

X  

SMC032BF Datasheet(PDF) 18 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 18 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 14Page - Numonyx B.V SMC032BF Datasheet HTML 15Page - Numonyx B.V SMC032BF Datasheet HTML 16Page - Numonyx B.V SMC032BF Datasheet HTML 17Page - Numonyx B.V SMC032BF Datasheet HTML 18Page - Numonyx B.V SMC032BF Datasheet HTML 19Page - Numonyx B.V SMC032BF Datasheet HTML 20Page - Numonyx B.V SMC032BF Datasheet HTML 21Page - Numonyx B.V SMC032BF Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
Electrical interface
SMCxxxBF
18/91
D15-D00
(PC Card Memory Mode)
I/O
31,30,29,28,
27,49,48,47,
6,5,4,3,2,
23,22,21
Carry the Data, Commands and Status information between
the host and the controller. D00 is the LSB of the Even Byte
of the Word. D08 is the LSB of the Odd Byte of the Word.
D15-D00
(PC Card I/O Mode)
Same as PC Card Memory Mode.
D15-D00
(True IDE Mode)
All Task File operations occur in Byte mode on D00 to D07
while all data transfers are 16 bit using D00 to D15.
GND
(PC Card Memory Mode)
1,50
Ground.
GND
(PC Card I/O Mode)
Same for all modes.
GND
(True IDE Mode)
Same for all modes.
–INPACK
(PC Card Memory Mode)
O43
Not used, should not be connected to the host.
–INPACK
(PC Card I/O Mode)
The Input Acknowledge is asserted when the Card is
selected and responding to an I/O read cycle at the current
address on the bus. It is used by the host to control the
enable of any input data buffers between the Card and
CPU.
DMARQ
(True IDE Mode)
The DMARQ input signal is used to request a DMA data
transfer between the host and the Card. It is asserted to
notify that the Card is ready to transfer data to or from the
host. For Multi-Word DMA transfers, the direction of data
transfer is controlled by -IORD and -IOWR.
DMARQ is used in conjunction with –DMACK to perform
handshaking: the Card waits until –DMACK has been
asserted by the host to de-assert DMARQ, and re-assert it
again if there is still data to be transferred (see
Section 10.10).
DMARQ is not driven when the Card is not selected.
If the host does not support DMA mode, DMARQ should be
left unconnected.
–IORD
(PC Card Memory Mode)
I34
Not used.
–IORD
(PC Card I/O Mode)
I/O Read strobe generated by the host. It gates I/O data
onto the bus.
–IORD
(True IDE Mode)
Same as PC Card I/O Mode.
Table 9.
Signal Description (continued)
Signal Name
Dir.
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com