Electronic Components Datasheet Search
  English  ▼

X  

STA333BW Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 51Page - STMicroelectronics STA333BW Datasheet HTML 52Page - STMicroelectronics STA333BW Datasheet HTML 53Page - STMicroelectronics STA333BW Datasheet HTML 54Page - STMicroelectronics STA333BW Datasheet HTML 55Page - STMicroelectronics STA333BW Datasheet HTML 56Page - STMicroelectronics STA333BW Datasheet HTML 57Page - STMicroelectronics STA333BW Datasheet HTML 58Page - STMicroelectronics STA333BW Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
STA333BW
Register description
55/64
6.12.18
User-defined EQ
The STA333BW provides the ability to specify four EQ filters (biquads) per each of the two
input channels. The biquads use the following equation:
Y[n] = 2(b0/2)X[n] + 2(b1/2)X[n-1] + b2X[n-2] to 2(a1/2)Y[n-1] - a2Y[n-2]
= b0X[n] + b1X[n-1] + b2X[n-2] - a1Y[n-1] - a2Y[n-2]
where Y[n] represents the output and X[n] represents the input. Multipliers are 24-bit signed
fractional multipliers, with coefficient values in the range of 0x800000 (-1) to 0x7FFFFF
(0.9999998808).
Coefficients stored in the User Defined Coefficient RAM are referenced in the following
manner:
CxHy0 = b1/2
CxHy1 = b2
CxHy2 = -a1/2
CxHy3 = -a2
CxHy4 = b0/2
where x represents the channel and the y the biquad number. For example C2H41 is the b2
coefficient in the fourth biquad for channel 2.
Additionally, the STA333BW allows specification of a high-pass filter (processing channels 1
and 2) and a lo-pass filter (processing channel 3) to be used for bass-management
crossover when the XO setting is 000 (user-defined). Both of these filters when defined by
the user (rather than using the preset crossover filters) are second order filters that use the
biquad equation noted above. They are loaded into the C12H0-4 and C3Hy0-4 areas of
RAM noted in Table 30.
By default, all user-defined filters are pass-through where all coefficients are set to 0, except
the b0/2 coefficient which is set to 0x400000 (representing 0.5)
6.12.19
Pre-scale
The STA333BW provides a multiplication for each input channel for the purpose of scaling
the input prior to EQ. This pre-EQ scaling is accomplished by using a 24-bit signed
fractional multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. The scale factor
for this multiply is loaded into RAM using the same I2C registers as the biquad coefficients
and the bass-management. All channels can use the channel 1 pre-scale factor by setting
the Biquad link bit. By default, all pre-scale factors are set to 0x7FFFFF.
6.12.20
Post-scale
The STA333BW provides one additional multiplication after the last interpolation stage and
the distortion compensation on each channel. This post-scaling is accomplished by using a
24-bit signed fractional multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. The
scale factor for this multiply is loaded into RAM using the same I2C registers as the biquad
coefficients and the bass-management. This post-scale factor can be used in conjunction
with an ADC equipped micro-controller to perform power-supply error correction. All
channels can use the channel 1 post-scale factor by setting the post-scale link bit. By
default, all post-scale factors are set to 0x7FFFFF. When Line output is being utilized,
channel 3 post-scale will affect both channels 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com