Electronic Components Datasheet Search
  English  ▼

X  

STA333BW Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 4Page - STMicroelectronics STA333BW Datasheet HTML 5Page - STMicroelectronics STA333BW Datasheet HTML 6Page - STMicroelectronics STA333BW Datasheet HTML 7Page - STMicroelectronics STA333BW Datasheet HTML 8Page - STMicroelectronics STA333BW Datasheet HTML 9Page - STMicroelectronics STA333BW Datasheet HTML 10Page - STMicroelectronics STA333BW Datasheet HTML 11Page - STMicroelectronics STA333BW Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Overview
STA333BW
8/64
1
Overview
The STA333BW is an integrated circuit comprising digital audio processing, digital amplifier
control, and DDX-power output stage to create a high-power single-chip DDX® solution with
high-quality, high-efficiency and all digital amplification.
The STA333BW is part of the Sound TerminalTM family that provides full digital audio
streaming to the speaker, thereby offering cost effectiveness, low power dissipation and
sound enrichment.
The IC power section consists of four independent half-bridges. These can be configured
via digital control to operate in different modes. 2.1 channels can be provided by two
half-bridges and a single full-bridge, providing up to 2 x 9 W + 1 x 20 W of power output. Two
channels can be provided by two full-bridges, providing up to 2 x 20 W of power. The IC can
also be configured as a 2.1 channels with 2 x 20 W provided by the device and external
power for DDX® power drive. Also provided in the STA333BW are a full assortment of digital
processing features. This includes up to four programmable 28-bit biquads (EQ) per
channel, and bass/treble tone control. Automodes™ enable a time-to-market advantage by
substantially reducing the amount of software development needed for certain functions.
This includes Auto Volume loudness, preset volume curves and preset EQ settings. New
advanced AM radio interference reduction modes. The serial audio data input interface
accepts all possible formats, including the popular I2S format. Three channels of DDX®
processing are provided. This high-quality conversion from PCM audio to DDX patented
tri-state PWM switching waveform provides over 100 dB SNR and dynamic range.
Figure 1.
Block diagram
Protection
current/thermal
Logic
Regulators
Bias
Power
control
DDX
PLL
Volume
control
Channel
1A
Channel
1B
Channel
2A
Channel
2B
I2S
interface
Power
Digital DSP
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com