Electronic Components Datasheet Search
  English  ▼

X  

STA333BW Datasheet(PDF) 62 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 56Page - STMicroelectronics STA333BW Datasheet HTML 57Page - STMicroelectronics STA333BW Datasheet HTML 58Page - STMicroelectronics STA333BW Datasheet HTML 59Page - STMicroelectronics STA333BW Datasheet HTML 60Page - STMicroelectronics STA333BW Datasheet HTML 61Page - STMicroelectronics STA333BW Datasheet HTML 62Page - STMicroelectronics STA333BW Datasheet HTML 63Page - STMicroelectronics STA333BW Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Package information
STA333BW
62/64
9
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 24.
PowerSSO-36 (slug-up) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.15
2.47
0.084
0.097
A2
2.15
2.40
0.084
0.094
a1
0
0.075
0
0.003
b
0.18
0.36
0.007
0.014
c
0.23
0.32
0.009
0.012
D (1)
10.10
10.50
0.398
0.413
E (1)
7.4
7.6
0.291
0.299
e
0.5
0.019
e3
8.5
0.335
F
2.3
0.090
G
0.10
0.004
G1
0.06
0.002
H
10.10
10.50
0.398
0.413
h
0.40
0.016
k5˚
5˚
L
0.55
0.90
0.022
0.035
M
4.3
0.169
N
10˚
10˚
O
1.2
0.047
Q
0.8
0.031
S
2.9
0.114
T3.65
0.144
U
1.0
0.039
X
4.1
4.7
0.161
0.185
Y
6.5
7.3
0.256
0.287
(1) "D” and “E" do not include mold flash or protrusions Mold flash
or protrusions shall not exceed 0.15 mm per side(0.006”)
PowerSSO-36
7587131 A
(slug-down)
G
LEAD COPLANARITY
BOTTOM VIEW
D
e3
0.1
A
M
B
b
e
A
Y
T
M
L
hx45û
U
O
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com