Electronic Components Datasheet Search
  English  ▼

X  

STA333BW Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 24Page - STMicroelectronics STA333BW Datasheet HTML 25Page - STMicroelectronics STA333BW Datasheet HTML 26Page - STMicroelectronics STA333BW Datasheet HTML 27Page - STMicroelectronics STA333BW Datasheet HTML 28Page - STMicroelectronics STA333BW Datasheet HTML 29Page - STMicroelectronics STA333BW Datasheet HTML 30Page - STMicroelectronics STA333BW Datasheet HTML 31Page - STMicroelectronics STA333BW Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Register description
STA333BW
28/64
6.3
Configuration register C (0x02)
6.3.1
DDX power output mode
The DDX power output mode selects how the DDX output timing is configured.
Different power devices use different output modes.
6.3.2
DDX compensating pulse size register
Table 6:
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
0
101
11
Bit
R/W
RST
Name
Description
0R/W
1
OM0
Selects configuration of DDX output.
1R/W
1
OM1
Table 13.
Output modes
OM[1,0]
Output stage / mode
00
Drop Compensation
01
Discrete Output Stage, Tapered Compensation
10
Full Power Mode
11
Variable Drop Compensation (CSZx bits)
Bit
R/W
RST
Name
Description
2R/W
1
CSZ0
When OM[1,0] = 11, this register determines the
size of the DDX compensating pulse from 0 clock
ticks to 15 clock periods.
3R/W
0
CSZ1
4R/W
1
CSZ2
5R/W
0
CSZ3
Table 14.
Compensating pulse size
CSZ[3:0]
Compensating Pulse Size
0000
0 ns (0 tick) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 tick) clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com