Electronic Components Datasheet Search
  English  ▼

X  

STA333BW Datasheet(PDF) 58 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 54Page - STMicroelectronics STA333BW Datasheet HTML 55Page - STMicroelectronics STA333BW Datasheet HTML 56Page - STMicroelectronics STA333BW Datasheet HTML 57Page - STMicroelectronics STA333BW Datasheet HTML 58Page - STMicroelectronics STA333BW Datasheet HTML 59Page - STMicroelectronics STA333BW Datasheet HTML 60Page - STMicroelectronics STA333BW Datasheet HTML 61Page - STMicroelectronics STA333BW Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
Register description
STA333BW
58/64
6.15
Fault detect recovery constant registers (0x2B to 0x2C)
FDRC bits specify the 16-bit fault detect recovery time delay. When FAULT is asserted, the
TRISTATE output is immediately asserted low and held low for the time period specified by
this constant. A constant value of 0x0001 in this register is ~.083 ms. The default value of
0x000C specifies ~.1 mS.
6.16
Device status register (0x2D)
This read-only register provides fault and thermal-warning status information from the power
control block. Logic value 1 for faults or warning means normal state. Logic 0 means a fault
or warning detected on power bridge. The PLLUL=’1’ means that the PLL is not locked.
"
PLLUL: 0 = PLL locked, 1= PLL not locked.
"
FAULT: 0 = fault detected on power bridge, 1 = normal operation
"
UVFAULT: 0 = VCC1, VCC2 internally detected < under-voltage threshold.
"
OVFAULT: 0 = VCC1, VCC2 internally detected > over-voltage threshold.
"
OCFAULT: 0 = over-current fault detected
"
OCWARN: 0 = over-current warning.
"
TFAULT: 0 = thermal fault, junction temperature over-limit detection.
"
TWARN: 0 = thermal warning, junction temperature is close to the fault condition.
D7
D6
D5
D4
D3
D2
D1
D0
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
0
011
00
11
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
0
000
00
00
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
0
000
11
00
D7
D6
D5
D4
D3
D2
D1
D0
PLLUL
FAULT
UVFAULT
OVFAULT
OCFAULT
OCWARN
TFAULT
TWARN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com