Electronic Components Datasheet Search
  English  ▼

X  

STA333BW Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 38Page - STMicroelectronics STA333BW Datasheet HTML 39Page - STMicroelectronics STA333BW Datasheet HTML 40Page - STMicroelectronics STA333BW Datasheet HTML 41Page - STMicroelectronics STA333BW Datasheet HTML 42Page - STMicroelectronics STA333BW Datasheet HTML 43Page - STMicroelectronics STA333BW Datasheet HTML 44Page - STMicroelectronics STA333BW Datasheet HTML 45Page - STMicroelectronics STA333BW Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Register description
STA333BW
42/64
6.8
Auto mode registers (0x0B and 0x0C)
6.8.1
AutoMode register 1 (0x0B)
6.8.2
AutoMode register 2 (0x0C)
6.8.3
AM interference frequency switching
D7
D6
D5
D4
D3
D2
D1
D0
AMGC1
AMGC2
00
Table 18.
AutoMode gain compression/limiters selection
AMGC[1:0]
Mode
00
User programmable GC
01
AC no clipping 2.1
10
AC limited clipping (10%) 2.1
11
DRC nighttime listening mode 2.1
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
0
000
00
00
Bit
R/W
RST
Name
Description
0
R/W
0
AMAME
AutoMode AM Enable
0: switching frequency determined by PWMS setting
1: switching frequency determined by AMAM settings
Table 19.
AutoMode AM switching frequency selection
AMAM[2:0]
48 kHz / 96 kHz input Fs
44.1 kHz / 88.2 kHz input Fs
000
0.535 MHz to 0.720 MHz
0.535 MHz to 0.670 MHz
001
0.721 MHz to 0.900 MHz
0.671 MHz to 0.800 MHz
010
0.901 MHz to 1.100 MHz
0.801 MHz to 1.000 MHz
011
1.101 MHz to 1.300 MHz
1.001 MHz to 1.180 MHz
100
1.301 MHz to 1.480 MHz
1.181 MHz to 1.340 MHz
101
1.481 MHz to 1.600 MHz
1.341 MHz to 1.500 MHz
110
1.601 MHz to 1.700 MHz
1.501 MHz to 1.700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com