Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 5 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 5 Page - Sanken electric

  SCM3000C Datasheet HTML 1Page - Sanken electric SCM3000C Datasheet HTML 2Page - Sanken electric SCM3000C Datasheet HTML 3Page - Sanken electric SCM3000C Datasheet HTML 4Page - Sanken electric SCM3000C Datasheet HTML 5Page - Sanken electric SCM3000C Datasheet HTML 6Page - Sanken electric SCM3000C Datasheet HTML 7Page - Sanken electric SCM3000C Datasheet HTML 8Page - Sanken electric SCM3000C Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
5
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
2.
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Main Supply Voltage
VDC
VBB–COM
—
300
400
V
Logic Supply Voltage
VCC
VCC–COM
13.5
—
16.5
V
VBS
VB1–U,
VB2–V,
VB3–W
13.5
—
16.5
V
Input Voltage (HINx, LINx)
VIN
0
—
5.5
V
Minimum Input Pulse Width
tIN(MIN)ON
0.5
—
—
μs
tIN(MIN)OFF
0.5
—
—
μs
Dead Time of Input Signal
tDEAD
0.9
—
—
μs
FO Pin Pull-up Resistor
RFO
1
—
22
kΩ
FO Pin Pull-up Voltage
VFO
3.0
—
5.5
V
FO Pin Noise Filter
Capacitor
CFO
0.001
—
0.01
μF
Thermistor Noise Filter
Capacitor
CTHM
4.7
—
—
nF
Thermistor Pull-up Resistor
RTHM
4.4
—
—
k
Ω
Bootstrap Capacitor
CBOOT
10
—
220
μF
Shunt Resistor
RS
IP ≤ 20 A
27
—
—
mΩ
SCM3610C11
IP ≤ 30 A
18
—
—
SCM3615C11
PWM Carrier Frequency
fc
—
—
20
kHz
Operating Case Temperature
TC(OP)
—
—
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com