Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 23 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 23 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric SCM3000C Datasheet HTML 24Page - Sanken electric SCM3000C Datasheet HTML 25Page - Sanken electric SCM3000C Datasheet HTML 26Page - Sanken electric SCM3000C Datasheet HTML 27Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
23
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
12.3.3. Overcurrent Protection (OCP)
Figure 12-18 is an internal circuit diagram describing
the OCP pin and its peripheral circuit. The OCP pin
detects overcurrents with the input voltages across
external shunt resistors, RSx. Because the OCP pin is
internally pulled down, the OCP pin voltage increases
proportionally to a rise in the current running through
the shunt resistor, RSx.
Figure 12-19 is a timing chart that represents
operation waveforms during OCP operation. When the
OCP pin voltage increases to the Overcurrent Protection
Threshold Voltage (VTRIP, 0.500 V) or more, and
remains in this condition for a period of the Overcurrent
Protection Blanking Time (tBK, 0.5
μs) or longer, the
OCP is activated. The enabled OCP circuit then shuts off
the output transistors and puts the FO pin into a logic
low state. And output current decreases after the output
transistors turn off. Even if the OCP pin voltage falls
below VTRIP, the IC holds the FO pin the logic low state
for a fixed OCP hold time (tP) of 30
μs (typ.). Then, the
output transistors operate according to input signals.
The OCP is used for detecting abnormal conditions,
such as an output transistor shorted. In case short-circuit
conditions occur repeatedly, the output transistors can be
destroyed. To prevent such event, motor operation must
be controlled by the external microcontroller so that it
can immediately stop the motor when fault signals are
detected. When putting the IC back to normal operation,
you must set up a wait time of 2 seconds or longer
before resuming the IC operation.
For proper shunt resistor setting, your application
must meet the following:
● Use the shunt resistor a recommended resistance, R
Sx
(see Section 2).
● Set the OCP pin input voltage to vary within the rated
OCP pin voltages, VOCP (see Section 1).
● Keep the current through the output transistors below
the rated output current (pulse), IOP (see Section 2).
It is required to use a resistor with low internal
inductance because high-frequency switching current
will flow through the shunt resistors, RSx. In addition,
choose a resistor with allowable power dissipation
according to your application.
As illustrated in Figure 12-18, a 4.7 nF chip capacitor,
COIN, is internally connected to the OCP pin. When you
connect a CR filter (i.e., a pair of a filter resistor, RO,
and a filter capacitor, CO) to the OCP pin, care should be
taken in setting the time constants of RO, CO, and COIN.
The larger the time constant, the longer the time that the
OCP pin voltage rises to VTRIP. And this may cause
permanent damage to the transistors. Consequently, a
propagation delay of the IC must be taken into account
when you determine the time constants. For RO and CO,
their values should satisfy Equation (3):
RO×(CO+4.7nF)<1.0µs.
(3)
It is recommended to use RO with a resistance up to
200 Ω and C
O with a capacitance of about 4.7 nF. And
place CO as close as possible to the IC with minimizing a
trace length between the OCP and COM pins.
Note that overcurrents are undetectable when one or
more of the U, V, and W pins or their traces are shorted
to ground (ground fault). In case any of these pins falls
into a state of ground fault, the output transistors may be
destroyed.
VBB
LSx
COM
OCP
COM
A/D
RS
RO
CO
DRS
VTRIP
100k
Ω
Blanking
filter
Output SW turn-off
and QFO turn-on
-
+
0.5µs(typ.)
3
2
16
U1
2k
Ω
2k
Ω
COIN
Figure 12-18.
Internal Circuit Diagram of OCP Pin
and Its Peripheral Circuit
LINx
HINx
HOx
LOx
FO
0
0
0
0
0
OCP
0
VTRIP
tBK
tBK
tDELAY 0.3 µs (typ.)
tP
tBK
FO restarts
automatically after tP.
HOx responds to input signal.
Figure 12-19.
OCP Operational Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com