Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 29 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 29 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 25Page - Sanken electric SCM3000C Datasheet HTML 26Page - Sanken electric SCM3000C Datasheet HTML 27Page - Sanken electric SCM3000C Datasheet HTML 28Page - Sanken electric SCM3000C Datasheet HTML 29Page - Sanken electric SCM3000C Datasheet HTML 30Page - Sanken electric SCM3000C Datasheet HTML 31Page - Sanken electric SCM3000C Datasheet HTML 32Page - Sanken electric SCM3000C Datasheet HTML 33Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
29
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Figure 15-3.
Logic Supply Current, ICC vs. TC
Figure 15-4.
Logic Supply Current, ICC vs. VCC Pin
Voltage, VCC
Figure 15-5.
Logic Supply Current in 1-phase Operation
(HINx = 0 V), IBS vs. TC
Figure 15-6.
Logic Supply Current in 1-phase Operation
(HINx = 5 V), IBS vs. TC
Figure 15-7.
Logic Supply Current in 1-phase
Operation (HINx = 0 V), IBS vs. VBx Pin Voltage, VB
Figure 15-8.
Logic Operation Start Voltage, VBS(ON) vs.
TC
0.0
0.5
1.0
1.5
2.0
2.5
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
VCC = 15 V, HINx = 0 V, LINx = 0 V
1.0
1.2
1.4
1.6
1.8
2.0
2.2
12
13
14
15
16
17
18
19
20
V
CC (V)
HINx = 0 V, LINx = 0 V
−30
°C
25
°C
125
°C
0
50
100
150
200
250
-30
0
30
60
90
120
150
T
C (°C)
VBx = 15 V, HINx = 0 V
Max.
Typ.
Min.
0
50
100
150
200
250
-30
0
30
60
90
120
150
T
C (°C)
VBx = 15 V, HINx = 5 V
Max.
Typ.
Min.
0
20
40
60
80
100
120
140
160
12
13
14
15
16
17
18
19
20
V
CC (V)
HINx = 0 V, LINx = 0 V
−30
°C
25
°C
125
°C
9.5
10.0
10.5
11.0
11.5
12.0
12.5
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com