Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 36 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 36 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 32Page - Sanken electric SCM3000C Datasheet HTML 33Page - Sanken electric SCM3000C Datasheet HTML 34Page - Sanken electric SCM3000C Datasheet HTML 35Page - Sanken electric SCM3000C Datasheet HTML 36Page - Sanken electric SCM3000C Datasheet HTML 37Page - Sanken electric SCM3000C Datasheet HTML 38Page - Sanken electric SCM3000C Datasheet HTML 39Page - Sanken electric SCM3000C Datasheet HTML 40Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
36
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
15.4. Allowable Effective Current Curves
The following curves represent allowable effective currents in 3-phase sine-wave PWM driving with parameters such
as typical VCE(SAT) and typical switching losses.
Operating conditions: VBB pin input voltage, VDC = 300 V; VCC pin input voltage, VCC = 15 V; modulation index,
M = 0.9; motor power factor,
cosθ = 0.8; junction temperature, T
j = 150 °C.
Figure 15-36.
SCM3610C11 Allowable Effective Current Curves
Figure 15-37.
Allowable Effective Current Curves
0
2
4
6
8
10
25
50
75
100
125
150
T
C (°C)
f
C = 2 kHz
f
C = 16 kHz
0
5
10
15
25
50
75
100
125
150
T
C (°C)
f
C = 2 kHz
f
C = 16 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com