Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 19 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 19 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 15Page - Sanken electric SCM3000C Datasheet HTML 16Page - Sanken electric SCM3000C Datasheet HTML 17Page - Sanken electric SCM3000C Datasheet HTML 18Page - Sanken electric SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
19
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
output signal, HOx, is generated according to an input
signal on the HINx pin. When an input signal on the
HINx pin transits from low to high (rising edge), a “Set”
signal is generated. When the HINx input signal transits
from high to low (falling edge), a “Reset” signal is
generated. These two signals are then transmitted to the
high-side by the level-shifting circuit and are input to the
SR flip-flop circuit. Finally, the SR flip-flop circuit
feeds an output signal, Q (i.e., HOx).
Figure 12-6 is a timing diagram describing how noise
or other detrimental effects will improperly influence the
level-shifting process. When a noise-induced rapid
voltage drop between the VBx and output (U, V, or W)
pins occurs after the Set signal generation, the next
Reset signal cannot be sent to the SR flip-flop circuit.
And the state of the high-side output, HOx, stays logic
high (or “H”) because the SR flip-flop does not respond.
With the HOx state being held high, the next LINx
signal turns on the low-side transistor and causes a
simultaneously-on condition which may result in critical
damage to the IC.
To protect the VBx pin against such a noise effect,
add a bootstrap capacitor, CBOOTx, in each phase. CBOOTx
must be placed near the IC, and be connected between
the VBx and output (U, V, or W) pins with a minimal
length of traces.
To use an electrolytic capacitor, add a 0.01 μF to 0.1
μF bypass capacitor, C
Px, in parallel near these pins used
for the same phase.
HINx
Input
logic
Pulse
generator
COM
Set
Reset
HOx
VBx
Output
(U, V,
or W)
S
R
Q
2
U1
Figure 12-5.
Internal Level-shifting Circuit
HINx
Set
Reset
Q
0
VBS(ON)
0
0
0
0
VBS(OFF)
VBx–
Output
(U, V, or W)
Stays logic high
Figure 12-6.
Waveforms at VBx–Output Voltage Drop
12.2.7. HIN1, HIN2, HIN3,
LIN1, LIN2, and LIN3
These are the input pins of the internal motor drivers
for each phase. The HINx pin acts as a high-side
controller; the LINx pin acts as a low-side controller.
Figure 12-7 shows an internal circuit diagram of the
HINx or LINx pin. This is a CMOS Schmitt trigger
circuit with a built-in
5.5 kΩ pull-down resistor, and its
input logic is active high.
Input signals to be applied across the HINx–COM and
the LINx–COM pins in each phase should be set within
the ranges provided in Table 12-2, below. Note that dead
time setting must be done for HINx and LINx signals
because the IC does not have a dead time generator.
HINx
(LINx)
COM 2
5 V
2 k
Ω
5.5 k
Ω
U1
Figure 12-7.
Internal Circuit Diagram of HINx or
LINx Pin
Table 12-2.
Input Signals for HINx and LINx Pins
Parameter
High Level Signal Low Level Signal
Input Voltage
3 V < VIN < 5.5 V 0 V < VIN < 0.5 V
Input Pulse Width
≥0.5 μs
≥0.5 μs
PWM Carrier
Frequency
≤20 kHz
Dead Time
≥0.9 μs
The higher PWM carrier frequency rises, the more
switching loss increases. Hence, the PWM carrier
frequency must be set
so that operational case
temperatures
and
junction
temperatures
can
have
sufficient margins in the absolute maximum ranges
specified in Section 1.
Also, if the traces from the microcontroller to the
HINx or LINx pins (or both) are too long, the traces may
be interfered by noise. Therefore, it is recommended to
add an additional filter or a pull-down resistor near the
HINx or LINx pin as needed (see Figure 12-8).
Here are filter circuit constants for reference:
- RIN1x:
33 Ω to 100 Ω
- RIN2x:
1 kΩ to 10 kΩ
- CINx: 100 pF to 1000 pF
Extra attention should be paid when adding RIN1x and
RIN2x to the traces. When they are connected each other,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com