Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 18 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 18 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 14Page - Sanken electric SCM3000C Datasheet HTML 15Page - Sanken electric SCM3000C Datasheet HTML 16Page - Sanken electric SCM3000C Datasheet HTML 17Page - Sanken electric SCM3000C Datasheet HTML 18Page - Sanken electric SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
18
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
12.2.5. LS1, LS2, and LS3
These are the emitter pins of the low-side IGBTs. For
current detection, the LS1, LS2, and LS3 pins should be
connected externally on a PCB via shunt resistors, RSx,
to the COM pin.
When connecting a shunt resistor, place it as near as
possible to the IC with a minimum length of traces to the
LSx and COM pins. Otherwise, malfunction may occur
because a longer circuit trace increases its inductance
and thus increases
its
susceptibility to improper
operations. In applications where long PCB traces are
required, add a fast recovery diode, DRSx, between the
LSx and COM pins in order to prevent the IC from
malfunctioning.
VBB
LS3
LS2
LS1
COM
VDC
RS1
RS2
RS3
CDC
CS
20
22
21
16
6
Put a shunt resistor near
the IC with a minimum
length to the LSx pin.
Add a fast recovery
diode to a long trace.
DRS1
DRS2
DRS3
U1
Figure 12-3.
Connections to LSx Pin
12.2.6. VB1, VB2, and VB3
These are the inputs of the high-side floating power
supplies for the individual phases. A bootstrap capacitor,
CBOOTx, should be connected in each trace between the
VBx and the output (U, V, or W) pins.
Voltages across the VBx and output (U, V, or W) pins
should be maintained within the recommended range
(i.e., the Logic Supply Voltage, VBS) given in Section 2.
As shown in Figure 12-4, in each trace between VBx
and VCC pins, a bootstrap diode, DBOOTx, and a current-
limiting resistor, RBOOTx, are placed in series.
For proper startup, turn on the low-side transistor first,
then charge the bootstrap capacitor, CBOOTx, up to its
maximum capacity. Table 12-1 shows a relation between
the charging time and capacitance of CBOOTx at startup.
For capacitance of the bootstrap capacitors, CBOOTx,
choose the values that satisfy Equations (1) and (2).
Note
that
capacitance
tolerance
and
DC
bias
characteristics must be taken into account when you
choose appropriate values for CBOOTx.
CBOOTx(µF)>800×tL(OFF)(s)
(1)
10µF≤CBOOTx≤220µF
(2)
In Equation (1), let tL(OFF) be the maximum off-time of
the low-side transistor (i.e., the non-charging time of
CBOOTx), measured in seconds.
Table 12-1.
CBOOTx Capacitance vs. Charging Time
at Startup
CBOOTx Capacitance
(µF)
Reference Charging Time
(s)
10
0.5
22
0.5
47
0.5
100
1.0
220
1.0
VCC
W
U
COM
VBB
V
LS3
LS2
VB1
RS
CBOOT3
M
VDC
LS1
VCC
VB3
VB2
CBOOT1
CBOOT2
22
20
21
19
18
17
16
2
MIC
5
12
14
13
RBOOT1
DBOOT1
DBOOT2
DBOOT3
RBOOT2
RBOOT3
Figure 12-4.
Bootstrap Circuit
Even during the high-side transistor is not on, voltage
across the bootstrap capacitor keeps decreasing due to
power dissipation in the IC. When the VBx pin voltage
decreases to VBS(OFF) or less, the high-side undervoltage
lockout (UVLO_VB) starts operating (see Section
12.3.2.1). Therefore, actual board checking should be
done thoroughly to validate that voltage across the VBx
pin maintains over 11 V (VBS > VBS(OFF)) during a low-
frequency operation such as a startup period.
Figure 12-5 shows an internal level-shifting circuit
that produces high-side output signals, HOx. A high-side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com