Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 16 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 16 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 12Page - Sanken electric SCM3000C Datasheet HTML 13Page - Sanken electric SCM3000C Datasheet HTML 14Page - Sanken electric SCM3000C Datasheet HTML 15Page - Sanken electric SCM3000C Datasheet HTML 16Page - Sanken electric SCM3000C Datasheet HTML 17Page - Sanken electric SCM3000C Datasheet HTML 18Page - Sanken electric SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
16
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
10.2. Land Pattern Example
2.54
5.08
5.08
5.08
5.08
5.08
10.16
1.5
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
17.5
17.5
Center of
screwing area
Center of
screwing area
35.56
32.0
0.28
Pin 1
11. Marking Diagram
14
1
DataMatrix
Lot Number:
Y is the last digit of the year of manufacture (0 to 9)
M is the month of the year (1 to 9, O, N, or D)
DD is the day of the month (01 to 31)
X is the control number
22
15
JAPAN
YMDDX
SCM361xC11
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com