Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 24 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 24 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric SCM3000C Datasheet HTML 24Page - Sanken electric SCM3000C Datasheet HTML 25Page - Sanken electric SCM3000C Datasheet HTML 26Page - Sanken electric SCM3000C Datasheet HTML 27Page - Sanken electric SCM3000C Datasheet HTML 28Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
24
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
12.3.4. Simultaneous On-state Prevention
In case both of the HINx and LINx pins receive logic
high signals at once, the high- and low-side transistors
turn on at the same time, allowing overcurrents to pass
through. As a result, the switching transistors will be
destroyed. To prevent this event, the Simultaneous On-
state Prevention circuit is built into the SCM3000C
series. Note that incorrect command input and noise
interference are also largely responsible for such a
simultaneous-on condition.
When logic high signals are asserted on the HINx and
LINx pins at once, as in Figure 12-20, this function gets
activated and turns the high- and low-side transistors off.
Then, during the function is being enabled, the FO pin
becomes logic low and sends fault signals. After the IC
comes out of the simultaneous on-state condition,
"HOx" and "LOx" start responding in accordance with
HINx and LINx input commands again.
To
prevent
noise-induced
malfunctions,
the
Simultaneous On-state Prevention circuit has a filter of
about 0.8 μs. Note that this function does not have any
of dead-time programming circuits. Therefore, input
signals to the HINx and LIN pins must have proper dead
times as defined in Section 12.2.7.
About 0.8 µs
About 0.8 µs
LINx
HINx
HOx
LOx
FO
Simultaneous on-state
prevention enabled
0
0
0
0
0
Figure 12-20.
Operational Waveforms of
Simultaneous On-state Prevention
13. Design Notes
This section also employs the notation system
described in the beginning of the previous section.
13.1. PCB Pattern Layout
Figure 13-1 shows a schematic diagram of a motor
driver circuit. The motor driver circuit consists of
current paths carrying high frequencies and high
voltages, which also bring about negative influences on
IC operation, noise interference, and power dissipation.
Therefore, PCB trace layouts and component placements
play an important role in circuit designing.
Current loops, which carry high frequencies and high
voltages, should be as small and wide as possible, in
order to maintain a low-impedance state. In addition,
ground traces should be as wide and short as possible so
that radiated EMI levels can be reduced.
M
VDC
High-frequency, high-voltage
current loops should be as
small and wide as possible.
Ground traces
should be wide and
short.
W
U
VBB
V
LS3
LS2
LS1
22
20
21
19
18
17
16
MIC
Figure 13-1.
High-frequency, High-voltage Current
Paths
13.2. Considerations in Heatsink Mounting
The following are the key considerations and the
guidelines for mounting a heatsink:
● It is recommended to use a pair of a metric screw of
M3 and a plain washer of 7 mm (φ). To tighten the
screws, use a torque screwdriver. Tighten the two
screws firstly up to about 30% of the maximum screw
torque, then finally up to 100% of the prescribed
maximum
screw
torque.
Perform
appropriate
tightening within the range of screw torque defined in
Section 4.
● When mounting a heatsink, it is recommended to use
silicone greases. If a thermally-conductive sheet or an
electrically insulating sheet is used, package cracks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com