Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 22 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 22 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 18Page - Sanken electric SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric SCM3000C Datasheet HTML 24Page - Sanken electric SCM3000C Datasheet HTML 25Page - Sanken electric SCM3000C Datasheet HTML 26Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
22
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
12.3.2. Undervoltage Lockout for Power
Supply (UVLO)
In case the gate-driving voltages of the output
transistors decrease, their steady-state power dissipations
increase.
This
overheating
condition
may
cause
permanent damage to the IC in the worst case. To
prevent this event, the SCM3000C series has the
Undervoltage Lockout (UVLO) circuits for both of the
high- and low-side power supplies in the monolithic IC
(MIC).
12.3.2.1. Undervoltage Lockout for
High-side Power Supply
(UVLO_VB)
Figure 12-16 shows operational waveforms of the
undervoltage lockout operation for high-side power
supply (i.e., UVLO_VB).
When the voltage between the VBx and output (U, V,
or W) pins decreases to the Logic Operation Stop
Voltage (VBS(OFF), 10 V) or less, the UVLO_VB circuit
in the corresponding phase gets activated and sets an
HOx signal to logic low.
When the voltage between the VBx and output (U, V,
or W) pins increases to the Logic Operation Start
Voltage (VBS(ON), 10.5 V) or more, the IC releases the
UVLO_VB condition. Then, the HOx signal becomes
logic high at the rising edge of the first input command
after the UVLO_VB release. The FO pin does not
transmit any fault signals during the UVLO_VB is in
operation.
In addition, the VBx pin has an internal UVLO_VB
filter of about 3 μs, in order to prevent noise-induced
malfunctions.
12.3.2.2. Undervoltage Lockout for
Low-side Power Supply
(UVLO_VCC)
Figure 12-17 shows operational waveforms of the
undervoltage lockout operation for low-side power
supply (i.e., UVLO_VCC). When the VCC pin voltage
decreases to the Logic Operation Stop Voltage (VCC(OFF),
10 V) or less, the UVLO_VCC circuit in the
corresponding phase activates and sets both of HOx and
LOx signals to logic low.
When the VCC pin voltage increases to the Logic
Operation Start Voltage (VCC(ON), 10.5 V) or more, the
IC releases the UVLO_VCC condition. Then it resumes
transmitting the HOx and LOx signals according to input
commands on the HINx and LINx pins.
During the UVLO_VCC operation, the FO pin
becomes logic low and sends fault signals. In addition,
the VCC pin has an internal UVLO_VCC filter of about
3 μs, in order to prevent noise-induced malfunctions.
LINx
HINx
VBx–
Output
(U, V, or W)
HOx
LOx
FO
VBS(OFF)
VBS(ON)
No FO output at UVLO_VB.
0
0
0
0
0
0
UVLO release
UVLO_VB
operation
About 3 µs
HOx restarts at
positive edge after
UVLO_VB release.
Figure 12-16.
Operational Waveforms of UVLO_VB
About 3 µs
LINx
HINx
VCC
HOx
LOx
FO
VCC(OFF)
VCC(ON)
LOx responds to input signal.
0
0
0
0
0
0
UVLO_VCC
operation
Figure 12-17.
Operational Waveforms of UVLO_VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com