Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 26 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 26 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric SCM3000C Datasheet HTML 24Page - Sanken electric SCM3000C Datasheet HTML 25Page - Sanken electric SCM3000C Datasheet HTML 26Page - Sanken electric SCM3000C Datasheet HTML 27Page - Sanken electric SCM3000C Datasheet HTML 28Page - Sanken electric SCM3000C Datasheet HTML 29Page - Sanken electric SCM3000C Datasheet HTML 30Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
26
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
14. Calculating Power Losses and
Estimating Junction Temperature
This section describes the procedures to calculate
power losses in a switching transistor, and to estimate
junction temperature. Note that the descriptions listed
here are applicable to the SCM3000C series, which is
controlled by a 3-phase sine-wave PWM driving
strategy. Total power loss in an IGBT can be obtained
by taking the sum of steady-state loss, PON, and
switching loss, PSW. The following subsections contain
the mathematical procedures to calculate the power
losses in an IGBT and its junction temperature.
For quick and easy references, we offer calculation
support tools online. Please visit our website to find out
more.
● DT00xx: SCM3000C Series Calculation Tool
http://www.semicon.sanken-ele.co.jp/calc-
tool/scm3xxxc_caltool_jp.html
14.1. IGBT Steady-state Loss, PON
Steady-state loss in an IGBT can be computed by
using the VCE(SAT) vs. IC curves, listed in Section 15.3.1.
As expressed by the curves in Figure 14-1, linear
approximations at a range the IC is actually used are
obtained by: VCE(SAT) =
α × I
C +
β.
The values gained by the above calculation are then
applied as parameters in Equation (4), below. Hence, the
equation to obtain the IGBT steady-state loss, PON, is:
PON= 12π�VCE(SAT)(φ)×IC(φ)×DT×dφ
π
0
=12α�12+43πM×cosθ�IM2
+√2πβ�12+π8M×cosθ�IM. (4)
Where:
VCE(SAT) is the collector-to-emitter saturation voltage
of the IGBT (V),
IC is the collector current of the IGBT (A),
DT is the duty cycle, which is given by
DT=1+M×sin(φ+θ)
2 ,
M is the modulation index (0 to 1),
cosθ is the motor power factor (0 to 1),
IM is effective motor current (A),
α is the slope of the linear approximation in
the VCE(SAT) – IC curve, and
β is the slope of the linear approximation in
the VCE(SAT) – IC curve.
Figure 14-1.
Linear Approximate Equation of
VCE(SAT)
− I
C Curve
14.2. IGBT Switching Loss, PSW
Switching loss in an IGBT, PSW, can be calculated by
Equation (5), letting IM be the effective current value of
the motor:
PSW=√2π×fC×αE×IM×VDC300.
(5)
Where:
fc is the PWM carrier frequency (Hz),
VDC is the main power supply voltage (V), i.e., the
VBB pin input voltage, and
α
E is the slope of the switching loss curve
(see Section 15.3.2).
14.3. Estimating Junction Temperature of
IGBT
The junction temperature of an IGBT, Tj, can be
estimated with Equation (6):
Tj=R(j−C)Q×(PON+PSW)+TC.
(6)
Where:
R(j-c)Q is the junction-to-case thermal resistance
per IGBT (°C/W), and
TC is the case temperature (°C), measured at the point
defined in Figure 3-1.
y = 0.108x + 0.831
y = 0.036x + 1.359
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
7
8
9
10
I
C (A)
VCC = 15 V
75
°C
125
°C
25
°C
VCC = 15 V
75
°C
125
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com