Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 28 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 28 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 24Page - Sanken electric SCM3000C Datasheet HTML 25Page - Sanken electric SCM3000C Datasheet HTML 26Page - Sanken electric SCM3000C Datasheet HTML 27Page - Sanken electric SCM3000C Datasheet HTML 28Page - Sanken electric SCM3000C Datasheet HTML 29Page - Sanken electric SCM3000C Datasheet HTML 30Page - Sanken electric SCM3000C Datasheet HTML 31Page - Sanken electric SCM3000C Datasheet HTML 32Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
28
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
15.2. Performance Curves of Control Parts
Figure 15-3 to Figure 15-23 provide performance curves of the control parts integrated in the SCM3000C series,
including variety-dependent characteristics and thermal characteristics. Tj represents the junction temperature of the
control parts.
Table 15-1.
Typical Characteristics of Control Parts
Figure Number
Figure Caption
Figure 15-3
Logic Supply Current, ICC vs. TC
Figure 15-4
Logic Supply Current, ICC vs. VCC Pin Voltage, VCC
Figure 15-5
Logic Supply Current in 1-phase Operation (HINx = 0 V), IBS vs. TC
Figure 15-6
Logic Supply Current in 1-phase Operation (HINx = 5 V), IBS vs. TC
Figure 15-7
Logic Supply Current in 1-phase Operation (HINx = 0 V), IBS vs. VBx Pin Voltage, VB
Figure 15-8
Logic Operation Start Voltage, VBS(ON) vs. TC
Figure 15-9
Logic Operation Stop Voltage, VBS(OFF) vs. TC
Figure 15-10
Logic Operation Start Voltage, VCC(ON) vs. TC
Figure 15-11
Logic Operation Stop Voltage, VCC(OFF) vs. TC
Figure 15-12
UVLO_VB Filtering Time vs. TC
Figure 15-13
UVLO_VCC Filtering Time vs. TC
Figure 15-14
Input Current at High Level (HINx or LINx), IIN vs. TC
Figure 15-15
High Level Input Signal Threshold Voltage, VIH vs. TC
Figure 15-16
Low Level Input Signal Threshold Voltage, VIL vs. TC
Figure 15-17
Minimum Transmittable Pulse Width for High-side Switching, tHIN(MIN) vs. TC
Figure 15-18
Minimum Transmittable Pulse Width for Low-side Switching, tLIN(MIN) vs. TC
Figure 15-19
FO Pin Voltage in Normal Operation, VFOL vs. TC
Figure 15-20
Overcurrent Protection Threshold Voltage, VTRIP vs. TC
Figure 15-21
Blanking Time, tBK + Propagation Delay, tD vs. TC
Figure 15-22
Overcurrent Protection Hold Time, tP vs. TC
Figure 15-23
Filtering Time of Simultaneous On-state Prevention vs. TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com