Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 20 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 20 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 16Page - Sanken electric SCM3000C Datasheet HTML 17Page - Sanken electric SCM3000C Datasheet HTML 18Page - Sanken electric SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric SCM3000C Datasheet HTML 24Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
20
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
the input voltage of the HINx and LINx pins becomes
slightly
lower
than
the
output
voltage
of
the
microcontroller.
RIN1x
RIN2x
CINx
U1
Input
signal
Controller
HINx
(LINx)
SCM361xC11
Figure 12-8.
Filter Circuit for HINx or LINx Pin
12.2.8. OCP
This pin serves as the input of the Overcurrent
Protection (OCP) for monitoring the currents going
through the output transistors, with a built-in 4.7 nF
ceramic chip capacitor.
Section 12.3.3 provides further information about the
OCP circuit configuration and its mechanism.
12.2.9. FO
The FO pin operates as the fault output. Immediately
after a fault signal is output from this pin, the
microcontroller stops sending input signals to the IC. If
you need to resume the motor operation, set the motor to
be resumed after a lapse of ≥2 seconds. For more details
on this function, see Section 12.3.1.
Figure 12-9 illustrates a schematic diagram of the FO
pin and its peripheral circuit. Because of its open-
collector nature, the FO pin should be tied by a pull-up
resistor, RFO, to the external power supply. The external
power supply voltage, VFO, should range from 3.0 V to
5.5 V.
Figure 12-10 shows a relation between the FO pin
voltage and pull-up resistor, RFO. When the pull-up
resistor, RFO, has a too small resistance, the FO pin
voltage at fault output becomes high due to the on-
resistance of a built-in MOSFET, QFO (Figure 12-9).
Therefore, it is recommended to use a 1 kΩ to 22 kΩ
pull-up resistor when the low-level input threshold
voltage of the microcontroller, VIL, is set to 1.0 V.
To suppress noise, add a filter capacitor, CFO, near the
IC with minimizing a trace length between the FO and
COM pins. Note that, however, this additional filtering
allows a delay time, tD(FO), to occur, as seen in Figure 12-
11. The delay time, tD(FO), is a period of time which starts
when the IC receives a fault flag turning on the internal
MOSFET, QFO, and continues until when the FO pin
reaches its threshold voltage (VIL) of 1.0 V or below (put
simply, until the time when the IC detects a logic low
state, “L”). Figure 12-12 shows how the delay time,
tD(FO), and the noise filter capacitor, CFO, are related. To
avoid the repetition of Overcurrent Protection (OCP)
activations, the external microcontroller must shut off
any input signals to the IC within an OCP hold time, tP,
which occurs after the internal MOSFET (QFO) turn-on.
tP
is 15 μs where minimum values of thermal
characteristics are taken into account. (For more details,
see Section 12.3.3.) When VIL is set to 1.0 V, it is
recommended to use a 0.001 μF to 0.01 μF noise filter
capacitor, CFO, allowing a sufficient margin to deal with
variations in characteristics.
5 V
50
Ω
100 k
Ω
QFO
VFO
CFO
INT
RFO
U1
4
2
FO
COM
Figure 12-9.
Internal Circuit Diagram of FO Pin and
Its Peripheral Circuit
Figure 12-10.
Fault Signal Voltage vs.
Pull-up Resistor, RFO
FO Pin
Voltage
QFO
VIL
tD(FO)
ON
0
Figure 12-11.
FO Pin Delay Time, tD(FO)
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
R
FO (kΩ)
T
j = 25 °C
Max.
Typ.
Min.
0
5
10
15
0.000
0.005
0.010
0.015
0.020
0.025
C
FO (µF)
T
j = 25 °C
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com