Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 25 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 25 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 21Page - Sanken electric SCM3000C Datasheet HTML 22Page - Sanken electric SCM3000C Datasheet HTML 23Page - Sanken electric SCM3000C Datasheet HTML 24Page - Sanken electric SCM3000C Datasheet HTML 25Page - Sanken electric SCM3000C Datasheet HTML 26Page - Sanken electric SCM3000C Datasheet HTML 27Page - Sanken electric SCM3000C Datasheet HTML 28Page - Sanken electric SCM3000C Datasheet HTML 29Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
25
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
may be occurred due to creases at screw tightening.
Therefore, you should conduct thorough evaluations
before using these materials.
● When applying a silicone grease, make sure that there
must be no foreign substances between the IC and a
heatsink. Extreme care should be taken not to apply a
silicone grease onto any device pins as much as
possible. The following requirements must be met for
proper grease application:
- Grease thickness: 100 µm
- Heatsink flatness: ±100 µm
- Apply silicone grease within the area indicated in
Figure 13-2, below.
Heatsink
Thermal silicone
grease application area
3.0
3.0
29.0
Unit: mm
7.8
8.0
M3
M3
Screw hole
Screw hole
(Pin 1)
Figure 13-2.
Reference Application Area for Thermal
Silicone Grease
13.3. Considerations in IC Characteristics
Measurement
When measuring the breakdown voltage or leakage
current of the transistors incorporated in the IC, note that
all of the output (U, V, and W), LSx, and COM pins
must
be
appropriately
connected.
Otherwise
the
switching transistors may result in permanent damage.
The following are circuit diagrams representing
typical measurement circuits for breakdown voltage:
Figure 13-3 shows the high-side transistor (Q1H) in the U
phase; Figure 13-4 shows the low-side transistor (Q1L) in
the U phase.
When measuring the high-side transistors, leave all
the pins not be measured open. When measuring the
low-side transistors, connect the LSx pin to be measured
to the COM pin, then leave other unused pins open.
COM
V
W
U
VBB
V
LS3
LS2
LS1
17
16
MIC
22
21
20
19
18
3
Figure 13-3.
Typical Measurement Circuit for
High-side Transistor (Q1H) in U-phase
COM
V
W
U
VBB
V
LS3
LS2
LS1
17
16
MIC
22
21
20
19
18
3
Figure 13-4.
Typical Measurement Circuit for
Low-side Transistor (Q1L) in U-phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com