Electronic Components Datasheet Search
  English  ▼

X  

SCM3000C Datasheet(PDF) 30 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 30 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 26Page - Sanken electric SCM3000C Datasheet HTML 27Page - Sanken electric SCM3000C Datasheet HTML 28Page - Sanken electric SCM3000C Datasheet HTML 29Page - Sanken electric SCM3000C Datasheet HTML 30Page - Sanken electric SCM3000C Datasheet HTML 31Page - Sanken electric SCM3000C Datasheet HTML 32Page - Sanken electric SCM3000C Datasheet HTML 33Page - Sanken electric SCM3000C Datasheet HTML 34Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
30
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Figure 15-9.
Logic Operation Stop Voltage, VBS(OFF) vs.
TC
Figure 15-10.
Logic Operation Start Voltage, VCC(ON) vs.
TC
Figure 15-11.
Logic Operation Stop Voltage, VCC(OFF)
vs. TC
Figure 15-12.
UVLO_VB Filtering Time vs. TC
Figure 15-13.
UVLO_VCC Filtering Time vs. TC
Figure 15-14.
Input Current at High Level (HINx or
LINx), IIN vs. TC
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
9.5
10.0
10.5
11.0
11.5
12.0
12.5
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0
200
400
600
800
1000
1200
1400
1600
-30
0
30
60
90
120
150
T
C (°C)
INHx or INLx = 5 V
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com