Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
56F827EVM User Manual, Rev. 2
2-6
Freescale Semiconductor
2.5 Clock Source
The 56F827EVM uses a 4.00MHz crystal, Y1, connected to its External Crystal Inputs, EXTAL
and XTAL. The 56F827 uses its internal PLL to multiply the input frequency by 20, achieving its
80MHz maximum operating frequency. An external oscillator source can be connected to the
controller by using the oscillator bypass connectors, JG4 and JG5; see Figure 2-4. If the input
frequency is above 4MHz, then the EXTAL input should be jumpered to ground by adding a
jumper between JG4 pins 2 and 3. The input frequency would then be injected on JG5’s pin 2. If
the controller needs to be synchronized to the codec’s sample frequency, then the controller’s
input frequency should be jumpered using the 12.2280MHz codec frequency. If the input
frequency is below 4MHz, then the input frequency can be injected on JG4’s pin 2.
56F827
EXTERNAL
OSCILLATOR
HEADERS
JG4
3
2
1
1
2
3
EXTAL
XTAL
JG5
10M
4.00MHz
12.2880MHz
Figure 2-4. Schematic Diagram of the Clock Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com