Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
INDEX
Index, Rev. 2
Freescale Semiconductor
Index - i
Numerics
1.2A power supply 2-14
16-bit 2.5V/3.3V hybrid controller 2-1
16-bit stereo codec interface 2-1
1M-bit Serial EEPROM 2-1
4.00MHz crystal oscillator 2-1
64Kx16 bits of data memory 2-1
64Kx16 bits of program memory 2-1
C
Codec Preface-ix
D
Data memory 2-3
Daughter Card Expansion interface 2-1
Debugging 2-8
Development Card 2-1
E
EEPROM
EEPROM Preface-ix
Electrically Erasable Programmable Read Only
Memory Preface-ix
Evaluation Module Preface-ix
EVM
EVM Preface-ix
External oscillator frequency input 2-1
F
FSRAM 2-1
, 2-3
G
General Purpose Input/Output port Preface-ix
GPIO 2-2
GPIO Preface-ix
H
Host Parallel Interface Connector 2-8
Host Target Interface 2-8
I
IC
IC Preface-ix
Integrated Circuit Preface-ix
J
Joint Test Action Group Preface-ix
JTAG 1-1
, 2-1
connector 2-9
JTAG Preface-ix
JTAG port interface 2-1
Jumper Group 1-3
JG1 1-3
JG2 1-3
JG3 1-3
JG4 1-3
JG5 1-3
JG6 1-3
JG7 1-3
L
Low-profile Quad Flat Pack Preface-ix
LQFP
LQFP Preface-ix
M
MPIO
MPIO Preface-ix
Multi-Purpose Input/Output port Preface-ix
O
On-board power regulation 2-2
OnCE 1-1
OnCE(TM)
OnCE Preface-ix
On-Chip Emulation Preface-ix
Operating Mode 2-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com