Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
56F827EVM User Manual, Rev. 2
2-4
Freescale Semiconductor
2.3 SPI EEPROM Memory
A 1M-bit +3.3V SPI serial EEPROM Memory, Atmel AT45DB011-SC, is provided on the
56F827EVM, reference Figure 2-2. This memory connects directly to the SPI Port through a
header on the 56F827. It can be used to load program code and data into the 56F827’s internal or
external memory spaces. A jumper block is provided, JG7, to allow the user to disconnect the
on-board SPI EEPROM from the SPI port and allow him to connect his own SPI port peripheral.
The header details are shown in Table 2-1.
56F827
MOSI
MISO
SCLK
GPIOF7
Serial EEPROM
SDI
SDO
SCK
CS
EEPROM Enable
(SPI Port Connector)
Figure 2-2. SPI EEPROM Memory Block Diagram
Table 2-1. SPI Port Connector Description
JG7
Pin #
Signal
Pin #
Signal
1SS/GPIO7
2
CS
3
MISO
4
SDO
5
MOSI
6
SDI
7
SCLK
8
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com