Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
56F827EVM User Manual, Rev. 2
1-2
Freescale Semiconductor
on the 56F827. The 56F827EVM provides the features necessary for a user to write and debug
software, demonstrate the functionality of that software and interface with the customer's
application-specific device(s). The 56F827EVM is flexible enough to allow a user to fully
exploit the 56F827's features to optimize the performance of his product, as shown in Figure 1-1.
56F827
RESET
MODE
Address,
Data &
Control
JTAG/OnCE
XTAL/EXTAL
SPI
SCI
SSI
GPIO
& GND
Peripheral
Daughter
Card
Connector
RESET
LOGIC
MODE
LOGIC
Program Memory
64Kx16-bit
SRAM
Memory
Daughter Card
Connector
JTAG
Connector
Parallel
JTAG
Interface
4.00MHz
Crystal
DSub
25-Pin
Data Memory
64Kx16-bit
SRAM
Debug LEDs
Stereo 16-bit
Codec
RS-232
Interface
SPI EEPROM
1M-bit
Power Supply
+2.5V, +3.3V & +5.0V
IRQ Interface
IRQ
Amp
Stereo Line Out
Headphone Jack
Stereo Line In
+2.5V, +3.3V
A/D
DSub
9-Pin
Figure 1-1. Block Diagram of the 56F827EVM
1.2 56F827EVM Configuration Jumpers
Seven jumper groups, (JG1-JG7), shown in Figure 1-2, are used to configure various features on
the 56F827EVM board. Table 1-1 describes the default jumper group settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com