Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Program and Data Memory
Technical Summary, Rev. 2
Freescale Semiconductor
2-3
2.2 Program and Data Memory
The 56F827EVM uses one bank of 128K 16-bit Fast Static RAM (GSI GS72116, labelled U2)
for external memory expansion; see the FSRAM schematic diagram in Figure 2-1. This physical
memory bank is split into two logical memory banks of 64Kx16-bits: one for program memory
and the other for data memory. By using the controller’s program strobe, PS, signal line along
with the memory chip’s A0 signal line, half of the memory chip is selected when program
memory accesses are requested and the other half of the memory chip is selected when data
memory access are requested. This memory bank will operate with zero wait-state accesses while
the 56F827 is running at 70MHz. However, when running at 80MHz, the memory bank operates
with four wait-state accesses. This memory bank can be disabled by removing the jumper at JG3.
56F827
GS72116
A0-A15
PS
D0-D15
RD
WR
A1-A16
A0
DQ0-DQ15
OE
WE
CE
JG3
+3.3V
Jumper Pin 1-2:
Enable SRAM
Jumper Removed:
Disable SRAM
Figure 2-1. Schematic Diagram of the External Memory Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com