Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
PC-compatible
Cable
Computer
Parallel Extension
56F827EVM
External
+12.0V
Power
P2
P1
Connect cable
to Parallel/Printer port
with 2.1mm,
receptacle
connector
+5.0V
Lab
Supply
TB1
or
56F827EVM User Manual, Rev. 2
1-4
Freescale Semiconductor
Figure 1-3. Connecting the 56F827EVM Cables
Perform the following steps to connect the 56F827EVM cables:
1. Connect the parallel extension cable to the parallel port of the host computer.
2. Connect the other end of the parallel extension cable to P2, shown in Figure 1-3, on the
56F827EVM board. This provides the connection which allows the host computer to
control the board.
3. Make sure that the external +12.0V DC 1.2A switching power supply or the external
+5.0V DC 1.0A lab power supply is not plugged into a 120V AC power source.
4. Connect the 2.1mm output power plug from the external switching power supply into P1,
shown in Figure 1-3, on the 56F827EVM board. Optionally, attach an external +5.0V DC
lab power supply via the 2-pin terminal block, TB1.
5. Apply power to the external power supply. The green Power-On LED, LED7, will
illuminate when power is correctly applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com