Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Stereo Codec
Technical Summary, Rev. 2
Freescale Semiconductor
2-15
logic, allowing direct connection to its line-level input and line-level output signals through two
1/8” stereo jacks; see Figure 2-10.
Table 2-7. Codec Sample Rate Selector
SW 4
Position 3
(MF6)
SW 4
Position 2
(MF7)
SW 4
Position 1
(MF8)
Sample Rate
ON
ON
ON
48.00kHz
ON
ON
OFF
32.00kHz
ON
OFF
ON
24.00kHz
ON
OFF
OFF
19.20kHz
OFF
ON
ON
16.00kHz
OFF
ON
OFF
12.00KHz
OFF
OFF
ON
9.60kHz
OFF
OFF
OFF
8.00kHz
Line-level
Output
RIN1
LIN1
LOUTL
LOUTR
A
A
A
Line-level
Output
Headphone
Input
CS4218
LM4880
P4
P5
P6
Figure 2-10. Codec Analog Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com