Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
56F827EVM User Manual, Rev. 2
2-14
Freescale Semiconductor
2.11 Power Supply
The main power input, +12.0V DC, to the 56F827EVM is through a 2.1mm coax power jack, P1.
An optional +5.0V DC power supply input is available through a 2-pin terminal block, TB1. A
1.2A power supply is provided with the 56F827EVM; however, less than 500mA is required by
the EVM. The remaining current is available for user daughter card applications when connected
to the daughter card interface. The power regulation on the 56F827EVM provides +5.0V DC
voltage regulation for the codec’s analog circuits and to the additional voltage regulation logic on
the EVM. The additional voltage regulation logic provides +2.5V DC voltage regulation for the
controller’s core and +3.3V DC voltage regulation for the controller’s I/O, memory, parallel
JTAG interface and supporting logic; refer to Figure 2-9. Power applied to the 56F827EVM is
indicated with a Power-On LED, referenced as LED7.
+5.0V DC
Analog
+12.0V DC
Power
Condition
Codec
56F827
+3.3V
Regulator
TB1
P1
+5.0V DC
GND
+2.5V
Regulator
56F827EVM
Parts
56F827
Core
+3.3V DC
+2.5V DC
+5.0V
Regulator
Figure 2-9. Schematic Diagram of the Power Supply
2.12 Stereo Codec
A 16-bit audio quality stereo codec, Crystal Semiconductor CS4218, is connected to the
56F827’s SSI port to support audio, voice and signal analysis applications. The codec is clocked
with a 12.288MHz oscillator. This allows the codec to operate between a sample frequency of
8kHz and 48kHz. The sample rate can be manually set by setting the appropriate switch positions
on dip switch S4. The sample rate selections possible using this three-position dip switch are
detailed in Table 2-7. The codec supports +3.3V digital levels, eliminating the need for
voltage-level translation circuitry. Additionally, a set of zero ohm resistors are provided on the
EVM to allow a user to disconnect the on-board codec from the SSI port and to connect his own
codec to the SSI port; refer to Figure 2-11. The on-board codec has analog signal conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com