Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
56F827EVM User Manual, Rev. 2
2-18
Freescale Semiconductor
2.13.2 Peripheral Daughter Card Expansion Connector
The controller’s peripheral port signals are connected to the Peripheral Daughter Card Expansion
connector, J2. Table 2-9 shows the port signal to pin assignments.
11
WR
12
A13
13
D0
14
A12
15
D1
16
D8
17
D2
18
D9
19
GND
20
GND
21
D3
22
D10
23
D4
24
D11
25
D5
26
D12
27
D6
28
D13
29
PCS6
30
PCS5
31
D7
32
D14
33
PS
34
D15
35
A0
36
RD
37
A1
38
A6
39
PCS4
40
GND
41
A2
42
A5
43
A3
44
A4
45
PCS3
46
PCS2
47
+3.3V
48
+3.3V
49
GND
50
GND
51
GND
Table 2-8. Memory Daughter Card Connector Description
J1
Pin #
Signal
Pin #
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com