Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
JG6
DSP56F827EVM
J3
JTAG
U7
P1
Y1
U1
U2
S2
S3
S1
S4
P2
LEDS
JG5
JG2
U5
RESET
IRQB
IRQA
1
2
7
8
JG3
J2
P6
1
JG5
3
JG2
JG3
JG1
JG6
TB1
P3
P4
P5
JG4
J1
JG7
HEADPHONE
LINE
LINE
IN
OUT
JG1
JG4
3
1
JG7
J3
JTAG
56F827EVM Connections
Introduction, Rev. 2
Freescale Semiconductor
1-3
Figure 1-2. 56F827EVM Jumper Reference
Table 1-1. 56F827EVM Default Jumper Options
Jumper
Group
Comment
Jumpers
Connections
JG1
Enable on-board Parallel JTAG Host/Target Interface
NC
JG2
Enable RS-232 output
NC
JG3
Enable on-board SRAM
1–2
JG4
Use on-board EXTAL crystal input for controller oscillator
2–3
JG5
Use on-board XTAL crystal input for controller oscillator
1–2
JG6
Selects controller’s Mode 0 operation upon exit from reset
1-2
JG7
Enable SPI EEPROM
1–2, 3–4, 5–6 & 7–8
1.3 56F827EVM Connections
An interconnection diagram is shown in Figure 1-3 for connecting the PC and the external
+12.0V DC power supply or external +5.0V DC lab power supply to the 56F827EVM board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com