Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Daughter Card Connectors
Technical Summary, Rev. 2
Freescale Semiconductor
2-17
The device’s GPIO PORT D Bit 0 pin, PD0, is programmed to control the codec’s Active Low
Reset signal, RESET.
The Serial Transmit Frame Sync pin, STFS, is programmed to control the codec’s Frame Sync
signal, FSYNC. FSYNC is sampled by SCLK, with a rising edge indicating a new frame is about
to start. The FSYNC frequency is always the system’s sample rate. It may be an input to the
codec, or it may be an output from the codec in data mode.
The basic codec digital connections are shown in Figure 2-11.
The codec’s MODE is set by the three MODE selection resistors, R96-R98. In the factory default
setting of MODE 4, the codec is set to be the Master of the SPI bus with its data word set at 32
bits per frame; i.e., a 16-bit Left channel and a 16-bit Right channel. The sample rate is selected
on Sample Rate Selector switch S4; reference Table 2-7 for selection options. Codec control
information is sent over a separate serial port using: PD1 as the Control Chip Select signal, CCS;
PD2 as the Control Data Input signal, CDIN; and PD3 as the Control Clock signal, CCLK.
2.13 Daughter Card Connectors
The EVM board contains two daughter card expansion connectors. One connector, J1, contains
the controller’s external memory bus signals. The other connector, J2, contains the device’s
peripheral port signals.
2.13.1 Memory Daughter Card Expansion Connector
The controller’s external memory bus signals are connected to the Memory Daughter Card
Expansion connector, J1. Table 2-8 shows the port signal to pin assignments.
Table 2-8. Memory Daughter Card Connector Description
J1
Pin #
Signal
Pin #
Signal
1
A10
2
A11
3A9
4
DS
5
A8
6
A15
7
A7
8
A14
9
GND
10
PCS7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com