Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
56F827EVM User Manual, Rev. 2
2-2
Freescale Semiconductor
•
Codec sample rate selector [S4]
•
Peripheral Daughter Card Expansion Connector, to allow the user to connect his own SCI,
SSI, SPI or GPIO-compatible peripheral to the controller[J2]
•
Memory Daughter Card Expansion Connector, to allow the user to connect his own
memory or memory device to the controller[J1]
•
On-board power regulation from an external +12V DC-supplied power input [P1]
•
On-board power regulation from an optional +5V DC-supplied power input [TB1]
•
Light Emitting Diode (LED) power indicator [LED7]
•
Six on-board real-time user debugging LEDs [LED1-6]
•
Manual RESET push-button [S1]
•
Manual interrupt push-button for IRQA [S2]
•
Manual interrupt push-button for IRQB [S3]
2.1 56F827
The 56F827EVM uses a Freescale DSP56F827FG80 part, designated as U1 on the board and in
the schematics. This part will operate at a maximum speed of 80MHz. A full description of the
56F827, including functionality and user information, is provided in these documents:
•
DSP56F827 Technical Data, (DSP56F827): Provides features list and specifications
including signal descriptions, DC power requirements, AC timing requirements and
available packaging.
•
DSP56F826/827 16-Bit Digital Signal Processor User’s Manual, (DSP56F826_827UM):
Provides an overview description of the controller and detailed information about the
on-chip components including the memory and I/O maps, peripheral functionality, and
control/status register descriptions for each subsystem.
• DSP56800 Family Manual, (DSP56800FM): Provides a detailed description of the core
processor, including internal status and control registers and a detailed description of the
family instruction set.
Refer to these documents for detailed information about chip functionality and operation. They
can be found on this URL:
www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com